Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8M2AFECAC Datasheet(PDF) 195 Page - Renesas Technology Corp

No. de pieza R7KA8M2AFECAC
Descripción Electrónicos  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECAC Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button R7KA8M2AFECAC Datasheet HTML 191Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 192Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 193Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 194Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 195Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 196Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 197Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 198Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 295 page
background image
Note 5. On a Legacy Bus where I2C Devices need to see Start
Note 6. Slaves that do not support the optional ENTASx CCCs shall use the tCAS Max value shown for ENTAS3
Note 7. On a Mixed Bus with Fm Legacy I2C Devices, tAVAL is 300 ns shorter than the Fm Bus Free Condition time (tBUF)
Table 2.72
I3C timing (Push-Pull Timing Parameters for SDR and HDR-DDR Modes)
Setting of the I3C_SCL0, I3C_SDA0 pins are not required with the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
VCC
Min
Max
Unit
Test
condition
s
I3C Push-
Pull
Timing
Parameter
s for SDR
and HDR-
DDR
Modes
SCL Clock Frequency
fSCL*1
3.00 V or above
0.01
12.5
MHz —
1.65 to 1.95 V
0.01
12.5
SCL Clock Low Period
tLOW
3.00 V or above
27
—
ns
Figure
2.91
1.65 to 1.95 V
32
—
tDIG_L*2 *4
3.00 V or above
35
—
ns
Figure
2.91
1.65 to 1.95 V
40
—
SCL Clock High Period for
Mixed Bus
tHIGH_MIXE
D
3.00 V or above
24
—
ns
Figure
2.91
1.65 to 1.95 V
27
—
tDIG_H_MIX
ED
*2 *3
3.00 V or above
32
45
ns
Figure
2.91
1.65 to 1.95 V
35
45
SCL Clock High Period
tHIGH
3.00 V or above
24
—
ns
Figure
2.91
1.65 to 1.95 V
27
—
tDIG_H*2
3.00 V or above
32
—
ns
Figure
2.91
1.65 to 1.95 V
35
—
Clock in to Data Out for Slave tSCO
3.00 V or above
—
12
ns
Figure
2.96
1.65 to 1.95 V
—
12
SCL Clock Rise Time
tCR
3.00 V or above
—
150 × 1 /
fSCL (capped at
60)
ns
Figure
2.91
1.65 to 1.95 V
—
150 × 1 /
fSCL (capped at
60)
SCL Clock Fall Time
tCF
3.00 V or above
—
150 × 1 /
fSCL (capped at
60)
ns
Figure
2.91
1.65 to 1.95 V
—
150 × 1 /
fSCL (capped at
60)
SDA Signal Data
Hold in Push-Pull
Mode
Master
tHD_PP*4*5 3.00 V or above
tCR + 3 and tCF + 3
—
—
Figure
2.95
1.65 to 1.95 V
tCR + 3 and tCF + 3
—
Slave
tHD_PP*5
3.00 V or above
0
—
—
Figure
2.95
1.65 to 1.95 V
0
—
SDA Signal Data Setup in
Push-Pull Mode
tSU_PP
3.00 V or above
12
N/A
ns
Figure
2.97
1.65 to 1.95 V
18
N/A
Clock After Repeated START
(Sr)
tCASr
3.00 V or above
tCASmin
N/A
ns
Figure
2.99
1.65 to 1.95 V
tCASmin
N/A
Clock Before Repeated
START (Sr)
tCBSr
3.00 V or above
tCASmin / 2
N/A
ns
Figure
2.99
1.65 to 1.95 V
tCASmin / 2
N/A
Capacitive Load per Bus Line
(SDA/SCL)
Cb
3.00 V or above
—
50
pF
—
1.65 to 1.95 V
—
50
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 195 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com