Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8M2AFECAC Datasheet(PDF) 55 Page - Renesas Technology Corp

No. de pieza R7KA8M2AFECAC
Descripción Electrónicos  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECAC Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R7KA8M2AFECAC Datasheet HTML 51Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 52Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 53Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 54Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 55Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 56Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 57Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 58Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 295 page
background image
Table 2.7
I/O VOH, VOL, and other characteristics (3 of 3)
Parameter
VCC/
VCC2/
AVCC0/
VCC_US
B
Symbol
Min
Typ Max
Unit
Test conditions
Input leakage
current
RES
1.62 V or
above
|Iin|
—
—
5
µA
Vin = 0 V
Vin = 5.5 V
Port P200,
P214,
P215
1.62 V or
above
—
—
1
Vin = 0 V
Vin = VCC
Three-state
leakage
current (off
state)
5 V-
tolerant
ports
1.62 V or
above
|ITSI|
—
—
5
µA
Vin = 0 V
Vin = 5.5 V
Other
ports
(except for
port P200,
P214,
P215)
1.62 V or
above
—
—
1
Vin = 0 V
Vin = VCC, VCC2, AVCC0, VCC_USB
Input pull-up
MOS current
Ports P0
to PD
2.70 V or
above
Ip
−300
—
−10
µA
VCC, VCC2, AVCC0, VCC_USB = 2.7
to 3.63 V
Vin = 0 V
1.62 V or
above
−300
—
−5
VCC, VCC2, AVCC0, VCC_USB =
1.62 to 3.63 V
Vin = 0 V
Pull-up
current
serving as
the SCL
current
source
I3C*3
3.00 to
3.63 V
Ics
3
—
12
mA
VCC = 3.0 to 3.63 V
Vin = 0.3 × VCC to 0.7 × VCC
1.65 to
1.95 V
VCC = 1.65 to 1.95 V
Vin = 0.3 × VCC to 0.7 × VCC
Input
capacitance
Ports
P014,
P015
—
Cin
—
—
16
pF
Vbias = 0 V
Vamp = 20 mV
f = 1 MHz
Ta = 25°C
Ports
P814/
USB_DP,
P815/
USB_DM
—
—
—
12
Ports
P400,
P401,
P409,
P410,
P511,
P512,
P708,
P709,
USBHS_D
P,
USBHS_D
M
—
—
—
10
Other
input pins
—
—
—
8
Note 1. SCL0_A, SDA0_A, SCL1_A, SDA1_A, SCL2_A, SDA2_A (total 6 pins).
Note 2. This is the value when high speed high driving ability is selected in the Port Drive Capability bit in the PmnPFS register.
The selected driving ability is retained in Deep Software Standby mode.
Note 3. I3C_SCL0 (1 pin). This is the value when IIC high speed mode is selected.
Note 4. This is the value when high speed high driving ability is selected in the Port Drive Capability bit in the PmnPFS register for the
following pins: SDA0_B, SCL0_B, SDA1_B, SCL1_B, SDA2_B, SCL2_B.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 55 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com