Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8M2AFDCAC Datasheet(PDF) 217 Page - Renesas Technology Corp

No. de pieza R7KA8M2AFDCAC
Descripción Electrónicos  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAC Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAC Datasheet HTML 213Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 214Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 215Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 216Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 217Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 218Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 219Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 220Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 295 page
background image
Note 1. This implies that PC board design will require clocks to be routed such that an additional trace delay of greater than 1.5ns and less
than 2.0ns will be added to the associated clock signal.
Note 2. For 10Mbps and 100Mbps, Tcyc will scale to 400ns+-40ns and 40ns+-4ns respectively.
Note 3. Duty cycle may be stretched/shrunk during speed changes or while transitioning to a received packet's clock domain as long as
minimum duty cycle is not violated and stretching occurs for no more than three Tcyc of the lowest speed transitioned between.
TskewT
RGMIIn_TXC
RGMIIn_TXD[3:0]
RGMIIn_TX_CTL
TskewT
TskewR
RGMIIn_RXC
RGMIIn_RXD[3:0]
RGMIIn_RX_CTL
TskewR
Figure 2.117
RGMII timing
RGMIIn_TXC
RGMIIn_TXD[3:0]
RGMIIn_TX_CTL
RGMIIn_RXC
RGMIIn_RXD[3:0]
RGMIIn_RX_CTL
TsetupT TholdT TsetupT TholdT
TsetupR TholdR TsetupR TholdR
Figure 2.118
RGMII timing (RGMII-ID)
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 217 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com