Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8M2AFDCAC Datasheet(PDF) 214 Page - Renesas Technology Corp

No. de pieza R7KA8M2AFDCAC
Descripción Electrónicos  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAC Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAC Datasheet HTML 210Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 211Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 212Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 213Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 214Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 215Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 216Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 217Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 295 page
background image
Table 2.80
ESWM timing (MII)
Conditions:
1. Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register for the following pins: ETn_MDC, ETn_MDIO.
2. The drive capacity selection and voltage range for pins other than ETn_MDC, ETn_MDIO.
● MII use only: Middle drive select, VCC = 2.7 to 3.6
● GMII and MII use: RGMII 2.50 V drive select, VCC = 2.3 to 2.7
● GMII and MII use: RGMII 3.30 V drive select, VCC = 3.0 to 3.6
Parameter
Symbol
VCC
Min
Max
Unit
Test
conditions
ESWM (MII)
ETn_TX_CLK cycle time
tTcyc
2.30 V or
above
40
—
ns
—
ETn_TX_EN output delay
tTENd
1
20
ns
Figure 2.113
ETn_ETXD0 to ETn_ETXD3
output delay
tMTDd
1
20
ns
ETn_RX_CLK cycle time
tTRcyc
40
—
ns
—
ETn_RX_DV setup time
tRDVs
10
—
ns
Figure 2.114
ETn_RX_DV hold time
tRDVh
10
—
ns
ETn_ERXD0 to ETn_ERXD3
setup time
tMRDs
10
—
ns
ETn_ERXD0 to ETn_ERXD3
hold time
tMRDh
10
—
ns
ETn_RX_ER setup time
tRERs
10
—
ns
ETn_RX_ER hold time
tRESh
10
—
ns
ETn_TX_CLK
ETn_TX_EN
ETn_ETXD0 to
ETn_ETXD3
SFD
DATA
CRC
Preamble
tTENd
tMTDd
Figure 2.113
MII transmission timing in normal operation
Preamble
DATA
CRC
SFD
tRDVs
tMRDs
tMRDh
tRDVh
ETn_RX_CLK
ETn_RX_DV
ETn_ERXD0 to
ETn_ERXD3
ETn_RX_ER
Figure 2.114
MII reception timing in normal operation
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 214 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com