Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8M2ADECHC Datasheet(PDF) 78 Page - Renesas Technology Corp

No. de pieza R7KA8M2ADECHC
Descripción Electrónicos  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECHC Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button R7KA8M2ADECHC Datasheet HTML 74Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 75Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 76Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 77Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 78Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 79Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 80Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 81Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 295 page
background image
Table 2.33
Standby current (DCDC mode) (2 of 4)
Parameter
Symbol
Typ
Max
Uni
t
Test conditions
95 °C 105
°C
125
°C
Supply
current*1
Software
Standby
mode
SS2LP_
1
SVSCR
_2
Data of SRAM
and TCM is
retained
ICC_DCDC 2.1
2
43.32 49.71 62.83 mA
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn =
1 (n = 0 to 12)
PDRAMSCR1.RKEEPn =
1 (n = 0, 1)
Data of SRAM
and TCM is not
retained
ICC_DCDC 1.9
5
42.01 47.94 59.71
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn =
0 (n = 0 to 12)
PDRAMSCR1.RKEEPn =
0 (n = 0, 1)
SVSCR
_3
Data of SRAM
and TCM is
retained
ICC_DCDC 1.4
0
31.70 36.52 47.48
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn =
1 (n = 0 to 12)
PDRAMSCR1.RKEEPn =
1 (n = 0, 1)
Data of SRAM
and TCM is not
retained
ICC_DCDC 1.3
4
30.88 35.36 45.29
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn =
0 (n = 0 to 12)
PDRAMSCR1.RKEEPn =
0 (n = 0, 1)
SVSCR
_4
Data of SRAM
and TCM is
retained
ICC_DCDC 1.2
2
26.41 31.14 40.57
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn =
1 (n = 0 to 12)
PDRAMSCR1.RKEEPn =
1 (n = 0, 1)
Data of SRAM
and TCM is not
retained
ICC_DCDC 1.1
8
25.76 30.20 38.80
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn =
0 (n = 0 to 12)
PDRAMSCR1.RKEEPn =
0 (n = 0, 1)
SVSCR
_5
Data of SRAM
and TCM is
retained
ICC_DCDC 1.0
6
24.15 27.89 36.35
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn =
1 (n = 0 to 12)
PDRAMSCR1.RKEEPn =
1 (n = 0, 1)
Data of SRAM
and TCM is not
retained
ICC_DCDC 1.0
3
23.62 27.11 34.84
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn =
0 (n = 0 to 12)
PDRAMSCR1.RKEEPn =
0 (n = 0, 1)
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 78 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com