Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8M2ADLCAC Datasheet(PDF) 41 Page - Renesas Technology Corp

No. de pieza R7KA8M2ADLCAC
Descripción Electrónicos  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADLCAC Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R7KA8M2ADLCAC Datasheet HTML 37Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 38Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 39Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 40Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 41Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 42Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 43Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 44Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 295 page
background image
2.
Electrical Characteristics
Unless otherwise specified, minimum and maximum values are guaranteed by either design simulation, characterization
results or test in production.
Supported peripheral functions and pins differ from one product name to another.
Unless otherwise specified, the electrical characteristics of the MCU are defined under the following conditions:
● VCC = VCC_DCDC = VBATT = 1.62 to 3.63 V
● VCC2 = 1.62 to 3.63 V for Standard Product
● VCC2 = 1.70 to 2.00 V for SiP Product
● AVCC0 = 1.62 to 3.63 V
● VCC_USB = VCC_USBHS = AVCC_USBHS = 3.0 to 3.6 V
● VREFH0/VREFH = 1.62 V to AVCC0
● VSS = VSS_DCDC = AVSS0 = VREFL0/VREFL = VSS_USB = VSS1_USBHS = VSS2_USBHS = 0 V
● VCC voltage is lower than 2.7 V : LVOCR.LVO0E = 1, otherwise LVOCR.LVO0E = 0
● VCC2 voltage is lower than 2.7 V : LVOCR.LVO1E = 1, otherwise LVOCR.LVO1E = 0
● Tj = Topj
When not specified otherwise, typical values are measured at room temperature of 25 ℃ and VCC = VCC_DCDC =
VCC_USB = VBATT = VCC_USBHS = AVCC_USBHS = AVCC0 = VREFH0 = VREFH = 3.3V
Figure 2.1 shows the timing conditions.
For example, P100
C
VOH = VCC/VCC2 × 0.7, VOL = VCC/VCC2 × 0.3
VIH = VCC/VCC2 × 0.7, VIL = VCC/VCC2 × 0.3
Load capacitance C = 30 pF
Figure 2.1
Input or output timing measurement conditions
The recommended measurement conditions for the timing specification of each peripheral provided are for the best
peripheral operation. Make sure to adjust the driving abilities of each pin to meet your conditions.
2.1
Absolute Maximum Ratings
Table 2.1
Absolute maximum ratings (1 of 2)
Parameter
Symbol
Value
Unit
Power supply voltage
VCC, VCC_DCDC*2
−0.3 to +4.0
V
VCC2
Standard Product
−0.3 to +4.0
V
SiP Product
−0.3 to +2.5
V
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 41 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com