| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CMV8000 Datasheet(PDF) 80 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV8000 Datasheet(HTML) 80 Page - ams-OSRAM AG |
|
80 / 90 page ![]() Document Feedback CMV8000 Register Description Preliminary Datasheet • PUBLIC DS000609 • v1-00 • 2019-Jun-12 89 │ 79 8.2.59 V_CLAMP_RST Register (Address 103) Figure 128: V_CLAMP_RST Register Addr: 103 V_CLAMP_RST Bit Bit Name Default Access Bit Description [6:0] v_clamp_rst 84 Sets the clamp voltage for the reset signal 8.2.60 I_ADC Register (Address 106) Figure 129: I_ADC Register Addr: 106 I_ADC Bit Bit Name Default Access Bit Description [3:0] i_adc 14 Sets the ADC biasing current 8.2.61 V_VRAMP_RES Register (Address 115) Figure 130: V_VRAMP_RES Register Addr: 115 V_VRAMP_RES Bit Bit Name Default Access Bit Description [6:0] v_vramp_res 94 Sets the start voltage for the reset ramp |