| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3722-BCTR-ES Datasheet(PDF) 13 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3722-BCTR-ES Datasheet(HTML) 13 Page - ams-OSRAM AG |
|
13 / 199 page ![]() Page 12 ams Datasheet Document Feedback [v1-01] 2015-Sep-07 AS3722 − Pin Assignment J11 H3 FB_SD0_N AIO Negative Feedback of SD0 3.6V Open E13 E3 CTRL1_SD0 AIO Bidirectional control pin of SD0, phase 1 VSUP Open E14 E2 CTRL2_SD0 AIO Bidirectional control pin of SD0, phase 2 VSUP Open F13 E4 CTRL3_SD0 AIO Bidirectional control pin of SD0, phase 3 VSUP Open F14 E5 CTRL4_SD0 AIO Bidirectional control pin of SD0, phase 4 VSUP Open G13 E1 CTRL5_SD0 AIO Bidirectional control pin of SD0, phase 5 VSUP Open G14 F2 CTRL6_SD0 AIO Bidirectional control pin of SD0, phase 6 VSUP Open H13 CTRL7_SD0 AIO Bidirectional control pin of SD0, phase 7 VSUP Open H14 CTRL8_SD0 AIO Bidirectional control pin of SD0, phase 8 VSUP Open J14 F4 TEMP1_SD0 AIO Temperature control pin of subdie1 for SD0 VSUP Open J13 F1 TEMP2_SD0 AIO Temperature control pin of subdie2 for SD0 VSUP Open K13 F5 TEMP3_SD0 AIO Temperature control pin of subdie3 for SD0 VSUP Open K11 TEMP4_SD0 AIO Temperature control pin of subdie4 for SD0 VSUP Open G9 G4 FB_SD1_P AIO Positive Feedback of SD1 3.6V Open H9 G5 FB_SD1_N AIO Negative Feedback of SD1 3.6V Open D13D2CTRL1_SD1 AIO Bidirectional control pin of SD1, phase 1 VSUP Open D14D5CTRL2_SD1 AIO Bidirectional control pin of SD1, phase 2 VSUP Open Pin Number Pin Name I/O Description Maximum Voltage If Not Used CTBGA WL-CSP |