Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AA3528APBC/Z Datasheet(PDF) 2 Page - Kingbright Corporation

No. de pieza AA3528APBC/Z
Descripción Electrónicos  3.5x2.8 mm SMD CHIP LED LAMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3528APBC/Z Datasheet(HTML) 2 Page - Kingbright Corporation

  AA3528APBC/Z Datasheet HTML 1Page - Kingbright Corporation AA3528APBC/Z Datasheet HTML 2Page - Kingbright Corporation AA3528APBC/Z Datasheet HTML 3Page - Kingbright Corporation AA3528APBC/Z Datasheet HTML 4Page - Kingbright Corporation AA3528APBC/Z Datasheet HTML 5Page - Kingbright Corporation AA3528APBC/Z Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAH5318
REV NO: V.2
DATE: SEP/14/2007
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: W.J.HUA
ERP: 1201003015
Handling Precautions
Compare to epoxy encapsulant that is hard and brittle, silicone is softer and flexible. Although its characteristic
significantly reduces thermal stress, it is more susceptible to damage by external mechanical force.
As a result, special handling precautions need to be observed during assembly using silicone encapsulated
LED products. Failure to comply might leads to damage and premature failure of the LED.
1. Handle the component along the side surfaces by using forceps or appropriate tools.
2. Do not directly touch or handle the silicone lens surface. It may damage the internal circuitry.
3. Do not stack together assembled PCBs containing exposed LEDs. Outside impact may scratch the silicone lens or
damage the internal circuitry.
4. During surface-mounting, the pickup capillary diameter should be larger than the silicone lens to insure the capillary
does not scratch or damage the lens.



Html Pages

1 2 3 4 5 6