Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSTK-030 Datasheet(PDF) 1 Page - KITAGAWA GmbH

No. de pieza CSTK-030
Descripción Electrónicos  Thin and durable carbon-coated type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KGS [KITAGAWA GmbH]
Página de inicio  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

CSTK-030 Datasheet(HTML) 1 Page - KITAGAWA GmbH

  CSTK-030 Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
91
● Conductive woven fabric / Cu-Ni plated woven fabric with carbon-coating (UL510FR)
Thin and durable carbon-coated type
● Carbon-coating protects from the galvanic corrosion suffered by metal foils.
● Carbon-coated special knitting provides no yarn-loosening or fuzz on the surface.
● Carbon-coated tape with low resistivity, effective against electrostatic discharge.
Feature
Material
CONDUCTIVE FABRIC TAPE
/CSTK
※The values are measured data for reference, not guaranteed.
Part No.
(mm)
Width
(mm) Thickness
adhesive strength
Resistivity
CSTK-008
8
0.1
8.53
N/25mm
/Width
0.04
Ω/20mm
CSTK-010
10
CSTK-015
15
CSTK-020
20
CSTK-025
25
CSTK-030
30
CSTK-040
40
CSTK-060
60
CSTK-250
250
CSTK-300
300
● Standard length: 20m
Conductive adhesive
Conductive non-woven fabric
Release liner


Número de pieza similar - CSTK-030

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MERITEK ELECTRONICS COR...
CST MERITEK-CST Datasheet
377Kb / 6P
High power rating up to 3 Watts in 2512 size
logo
Coilcraft lnc.
CST COILCRAFT-CST Datasheet
100Kb / 1P
Designer’s Kits
logo
Alpha Wire
CST-10 ALPHAWIRE-CST-10 Datasheet
95Kb / 3P
Customer Specification
9/8/2022
logo
List of Unclassifed Man...
CST-1005 ETC2-CST-1005 Datasheet
472Kb / 2P
Current Sense Transformers
logo
TRIAD MAGNETICS
CST-1005 TRIAD-CST-1005 Datasheet
86Kb / 1P
50/60 Hz Current Sense Transformers
More results

Descripción similar - CSTK-030

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
HCA0207 VISHAY-HCA0207 Datasheet
108Kb / 2P
Carbon Film Resistors, Power Type
02-Aug-02
logo
auris-GmbH
HC1612 AURIS-HC1612 Datasheet
542Kb / 1P
Ultra thin and small leadless type
logo
A-Data Technology
UD310 A-DATA-UD310 Datasheet
447Kb / 1P
DashDrive??Durable UD310
logo
Marl International Limi...
258-501-64-3812 MARL-258-501-64-3812_15 Datasheet
204Kb / 4P
Durable to shock and vibration
logo
List of Unclassifed Man...
1744061 ETC2-1744061 Datasheet
894Kb / 1P
Tough, durable powder coated finish keeps cable caddy from weathering
logo
Marl International Limi...
255-501-64-38 MARL-255-501-64-38_14 Datasheet
277Kb / 5P
Durable to shock and vibration
logo
P-tec Corporation
PLH0402-WDB08 P-TEC-PLH0402-WDB08 Datasheet
394Kb / 7P
Durable and Rugged RoHS Compliant
PLH0402-YDW01 P-TEC-PLH0402-YDW01 Datasheet
1,018Kb / 11P
Durable and Rugged RoHS Compliant
PLH3535-WCUV02 P-TEC-PLH3535-WCUV02 Datasheet
801Kb / 8P
Durable and Rugged
logo
Shanghai Leiditech Elec...
AC0001 LEIDITECH-AC0001 Datasheet
242Kb / 2P
Carbon brush type static eliminator
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com