| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FGC-3 Datasheet(PDF) 1 Page - KITAGAWA GmbH |
|
|
|||||||||||||||||||||||||||||
FGC-3 Datasheet(HTML) 1 Page - KITAGAWA GmbH |
|
|
1 / 1 page ![]() 16 φF B (C) D E Conductive area Plastic portion Plastic fastening and reliable copper foil grounding is provided simultaneously. ● Plastic body enables conductive layer to fit the cable and provides stable effectivity. ● Conductive area employs highly reliable copper foil. ● Plastic materials prevent the clamp from damaging the cable. Feature Material ● Plastic portion / nylon 66(light gray / UL94V-0) ● Conductive area / Copper foil FG CLAMP/FGC ■ M3 screw assembly type Unit:mm Part No. (A) B (C) D E F Applicable cable diameter FGC-3 R1.8 9.5 13.5 3.0 R1.5 φ3.2 φ2.7∼φ3.5 FGC-5 R3.0 10.7 14.7 4.3 R2.0 φ5.0∼φ5.5 FGC-8 R4.8 12.5 16.6 6.5 R2.3 φ8.2∼φ9.0 ■ M4 screw assembly type Unit:mm Part No. (A) B (C) D E F Applicable cable diameter FGC-3 M4 R1.8 9.5 13.5 3.0 R1.5 φ4.2 φ2.7∼φ3.5 FGC-5 M4 R3.0 10.7 14.7 4.3 R2.0 φ5.0∼φ5.5 FGC-8 M4 R4.8 12.5 16.6 6.5 R2.3 φ8.2∼φ9.0 |
Número de pieza similar - FGC-3 |
|
Descripción similar - FGC-3 |