| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CSG10 Datasheet(PDF) 1 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CSG10 Datasheet(HTML) 1 Page - Clarke International |
|
1 / 2 page ![]() FEATURES This staple gun is capable of accepting the following; • Staples .................................... • ‘U’ shaped Staples ................................ • Nails ........................................ OPERATION Thank you for purchasing this CLARKE 3-WAY Staple Gun. Please read this leaflet thoroughly and follow the instructions carefully. In doing so you will ensure the safety of yourself and that of others around you and you can look forward to the Staple Gun giving you long and satisfactory service. SAFETY PRECAUTIONS Extreme care should be exercised when using the Staple Gun. • Never point it at anyone. • Do not allow children to use the gun. • When not in use, you should always remove any staples or nails remaining in the gun and secure the handle with the safety catch (A). Take extra care when stapling into walls. The danger of coming in to contact with electric cables or plastic water pipes should not be overlooked. WARNING: Do not staple cables carrying electric current. 3-Way Staple Gun See ‘Accessories’ on reverse Model No: CSG10 Part No: 1800200 GUARANTEE This CLARKE product is guaranteed against faulty manufacture for a period of 12 months from the date of purchase. Your receipt is required as proof of purchase. This guarantee is invalid if the product is found to have been abused or tampered with in any way, or not used for the purpose for which it was intended. Faulty goods should be returned to their place of purchase, no product can be returned to us without prior permission. This guarantee in no way effects your statutory rights under common law. 1. Loading the Gun (a) Press in the plate (J), against spring pressure, dislocating the tab (H) from its slot, and with slight downwards movement, remove the pressure rod and spring assembly (G) from the back of the gun. (b) Ensure there are no old or disfigured staples or nails in the gun, as these could cause it to jam (see Maintenance section). Slide the appropriate staples into the carriage as shown below (c) Replace the pressure rod assembly against spring pressure ensuring the end plate tab (H) is correctly located in the slot in the gun body. |
Número de pieza similar - CSG10 |
|
Descripción similar - CSG10 |