| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM26C32CD Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM26C32CD Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 20 page ![]() AM26C32 QUADRUPLE DIFFERENTIAL LINE RECEIVER SLLS104I − DECEMBER 1990 − REVISED SEPTEMBER 2004 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic diagram (positive logic) 4Y 3Y 2Y 1Y 4B 4A 3B 3A 2B 2A 1B 1A G G Pin numbers shown are for the D, J, N, NS, PW, and W packages. 4 12 2 1 6 7 10 9 14 15 3 5 11 13 schematics Input VCC EQUIVALENT OF A OR B INPUT TYPICAL OF ALL OUTPUTS Output VCC VCC 1.7 k Ω NOM GND GND 1.7 k Ω NOM 17 k Ω NOM 288 k Ω NOM VCC (A inputs) or GND (B inputs) Input GND EQUIVALENT OF G OR G INPUT |