Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F103ZC Datasheet(PDF) 27 Page - STMicroelectronics

No. de pieza STM32F103ZC
Descripción Electrónicos  Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZC Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32F103ZC Datasheet HTML 23Page - STMicroelectronics STM32F103ZC Datasheet HTML 24Page - STMicroelectronics STM32F103ZC Datasheet HTML 25Page - STMicroelectronics STM32F103ZC Datasheet HTML 26Page - STMicroelectronics STM32F103ZC Datasheet HTML 27Page - STMicroelectronics STM32F103ZC Datasheet HTML 28Page - STMicroelectronics STM32F103ZC Datasheet HTML 29Page - STMicroelectronics STM32F103ZC Datasheet HTML 30Page - STMicroelectronics STM32F103ZC Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 118 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Pin descriptions
27/118
H4
F3
11
18
29
PC3
I/O
PC3
ADC123_IN13
J1
G1 12
19
30
VSSA
SVSSA
K1
H1
-
20
31
VREF-
SVREF-
L1
J1
-
21
32
VREF+
SVREF+
M1
K1
13
22
33
VDDA
SVDDA
J2
G2 14
23
34
PA0-WKUP
I/O
PA0
WKUP/USART2_CTS(6)
ADC123_IN0
TIM2_CH1_ETR
TIM5_CH1/TIM8_ETR
K2
H2 15
24
35
PA1
I/O
PA1
USART2_RTS(6)
ADC123_IN1/TIM5_CH2
TIM2_CH2(6)
L2
J2
16
25
36
PA2
I/O
PA2
USART2_TX(6)/
TIM5_CH3/ADC123_IN2/
TIM2_CH3 (6)
M2
K2
17
26
37
PA3
I/O
PA3
USART2_RX(6)/
TIM5_CH4/ADC123_IN3
TIM2_CH4(6)
G4
E4
18
27
38
VSS_4
SVSS_4
F4
F4
19
28
39
VDD_4
SVDD_4
J3
G3 20
29
40
PA4
I/O
PA4
SPI1_NSS(6)/DAC_OUT1
USART2_CK(6)
ADC12_IN4
K3
H3 21
30
41
PA5
I/O
PA5
SPI1_SCK(6)
DAC_OUT2 ADC12_IN5
L3
J3
22
31
42
PA6
I/O
PA6
SPI1_MISO(6)
TIM8_BKIN/ADC12_IN6
TIM3_CH1(6)
TIM1_BKIN
M3
K3
23
32
43
PA7
I/O
PA7
SPI1_MOSI(6)
TIM8_CH1N/ADC12_IN7
TIM3_CH2(6)
TIM1_CH1N
J4
G4 24
33
44
PC4
I/O
PC4
ADC12_IN14
K4
H4 25
34
45
PC5
I/O
PC5
ADC12_IN15
L4
J4
26
35
46
PB0
I/O
PB0
ADC12_IN8/TIM3_CH3
TIM8_CH2N
TIM1_CH2N
M4
K4
27
36
47
PB1
I/O
PB1
ADC12_IN9
TIM3_CH4(6)
TIM8_CH3N
TIM1_CH3N
J5
G5 28
37
48
PB2/BOOT1
I/O FT
PB2/BOOT1
Table 4.
Pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Default
Remap