Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M58MR032C Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza M58MR032C
Descripción Electrónicos  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR032C Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M58MR032C Datasheet HTML 6Page - STMicroelectronics M58MR032C Datasheet HTML 7Page - STMicroelectronics M58MR032C Datasheet HTML 8Page - STMicroelectronics M58MR032C Datasheet HTML 9Page - STMicroelectronics M58MR032C Datasheet HTML 10Page - STMicroelectronics M58MR032C Datasheet HTML 11Page - STMicroelectronics M58MR032C Datasheet HTML 12Page - STMicroelectronics M58MR032C Datasheet HTML 13Page - STMicroelectronics M58MR032C Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
M58MR032C, M58MR032D
10/52
Reset/Power-down. The memory is in Power-
down when the Read Configuration Register is set
for Power-down and RP is at VIL. The power con-
sumption is reduced to the Power-down level, and
Outputs are in high impedance, independent of the
Chip Enable E, Output Enable G or Write Enable
W inputs. The memory is in reset when the Read
Configuration Register is set for Reset and RP is
at VIL. The power consumption is the same of the
standby and the outputs are in high impedance.
After a Reset/Power down the device defaults to
read array mode, the status register is set to 80h
and the read configuration register defaults to
asynchronous read.
Block Locking. Any combination of blocks can
be temporarily protected against Program or
Erase by setting the lock register and pulling WP
to VIL. The following summarizes the locking oper-
ation. All blocks are protected on power-up. They
can then be unprotected or protected with the Un-
protect and Protect commands. The Lock com-
mand protects a block and prevents it from being
unlocked when WP = 0. When WP = 1, Lock is
overridden. Lock is cleared only when the device
is reset or powered-down (see Protect instruction).
Table 9. Identifier Codes
Note: 1. DRC means Die Revision Code.
CR means Read Configuration Register.
LPR means Lock Protection Register.
PR means Unique Device Number and User Programmable OTP.
Code
Address (h)
Data (h)
Manufacturer Code
Bank Address + 00
0020
Device Code
Top
Bank Address + 01
88DA
Bottom
Bank Address + 01
88DB
Block Protection
Protected and Unlocked
Bank Address + 02
0001
Unprotected and Unlocked
0000
Protected and Locked
0003
Unprotected and Locked
0002
Die Revision Code
Bank Address + 03
DRC (1)
Read Configuration Register
Bank Address + 05
CR (1)
Lock Protection Register
Bank Address + 80
LPR (1)
Protection Register
Bank Address + 81
Bank Address + 88
PR (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com