| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
9026 Datasheet(PDF) 1 Page - Time Electronics Ltd. |
|
|
|||||||||||||||||||||||||||||
9026 Datasheet(HTML) 1 Page - Time Electronics Ltd. |
|
|
1 / 1 page ![]() Time Electronics 1041 Resistance Decade Box Description A precision low ohm resistance box designed for general laboratory work including platinum resistance thermometry. The 1041 is compact and durable, housed in a robust metal case with removable protective rubber cover, making it ideal for use in either the laboratory or field. Excellent accuracy is achieved by using high stability metal film resistors. The 5-digit thumbwheel switch enables simple and precise setting with a clear indication of the resistance value. Switch Contacts: Special attention has been given to the reliability of operation. A special multiple gold contact arrangement ensures low contact resistance and continued operation even if a contact fails. Clear Visual Indication: To make selecting and reading the setting easy the 1041 incorporates colour coded digits: ohms - white, milliohms - yellow. Safety Terminals: Compatible with 4 mm shrouded plugs, as well as standard plugs, bare wires, and spade terminals. Added Protection: The 1041 comes fitted with an ergonomic rubber cover providing increased protection and durability. It has a textured grip for comfortable handling and side openings to place labels. It is easy to remove if the user prefers a stand-alone unit or to house the 1041 in the optional 9026 carry case. Specifications Range / Resolution.................................................................... 0 to 1 kΩ / 0.01 Ω steps. Decade 0.01 Ω 0.1 Ω 1 Ω 10 Ω 100 Ω Accuracy ± 10 % ± 5 % ± 1 % ± 0.5 % ± 0.1 % Max current 1 A 1 A 1 A 0.3 A 0.1 A Residual resistance.............................................................................. Less than 60 mΩ. Power rating......................................................................................... 1 watt per resistor. Voltage rating.........................................................Maximum 90 V DC, 63.64 V AC RMS. Temperature coefficient ................................................................................. 50 ppm/°C. Dimensions / Weight ..................................................W 215 x H 100 x D 120 mm / 1 kg. Features • 0.01 Ω to 1 kΩ • High accuracy • Clear visual indication • High stability • Low temperature coefficient • Safety terminals • Removable protective cover • Suitable for PRT/RTD Common Applications • Calibration of resistance in measuring devices • Pt100 simulation for checking RTD transmitters • Select-on-test resistance substitution in circuit design • Educational understanding of Ohm’s Law Ordering Information 1041................................................Resistance Decade Box 9026..........................................................................Carry case C161..........................Traceable calibration certificate (Factory) C114....................Accredited calibration certificate (ISO 17025) Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com v2a 11/22 Due to continuous development Time Electronics reserves the right to change specifications without prior notice. |
Número de pieza similar - 9026 |
|
Descripción similar - 9026 |