Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M74HCU04C1R Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza M74HCU04C1R
Descripción Electrónicos  HEX INVERTER SINGLE STAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCU04C1R Datasheet(HTML) 2 Page - STMicroelectronics

  M74HCU04C1R Datasheet HTML 1Page - STMicroelectronics M74HCU04C1R Datasheet HTML 2Page - STMicroelectronics M74HCU04C1R Datasheet HTML 3Page - STMicroelectronics M74HCU04C1R Datasheet HTML 4Page - STMicroelectronics M74HCU04C1R Datasheet HTML 5Page - STMicroelectronics M74HCU04C1R Datasheet HTML 6Page - STMicroelectronics M74HCU04C1R Datasheet HTML 7Page - STMicroelectronics M74HCU04C1R Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
M54HCU04
2/8
Figure 2: IEC Logic Symbols
Figure 3: Input And Output Equivalent Circuit
Table 2: Pin Description
Table 3: Truth Table
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
PIN N°
SYMBOL
NAME AND FUNCTION
1, 3, 5, 9, 11,
13
1A to 6A
Data Inputs
2, 4, 6, 8, 10,
12
1Y to 6Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
AY
LH
HL
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
300
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
265
°C



Html Pages

1 2 3 4 5 6 7 8