Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA12 Datasheet(PDF) 1 Page - FLEXTRAL

No. de pieza BA12
Descripción Electrónicos  PVC Breathing Air
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FLEXTRAL [FLEXTRAL]
Página de inicio  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

BA12 Datasheet(HTML) 1 Page - FLEXTRAL

  BA12 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BA12 Non-Toxic PVC Breathing Air
www.
.com
V04.21
Application:
Flextral BA12 series Air Breathing hose is made from premium grade FDA Compliant, Phthalate
Free materials. The compound has been carefully selected for low-taste and odor properties,
superior flexibility and clarity.
•
Surface supplied air portable diving kits
•
NIOSH Type C respirator air supply lines
•
Paint spray booth breathing lines
•
Breathing air service indoor or outdoor where a flexible but heavy-duty supply
line is required
Construction:
Tube - Extruded from FDA approved, non-toxic, low-odor, Phthalate free, flexible PVC compound
• Clear, 70 Shore A durometer for improved flexibility
Reinforcement - High-tensile strength yarn
Cover - Weather, UV and abrasion resistant PVC designed to protect the reinforcement
Temperature:
-26°C to +65°C (-15°F to +150°F)
Part No.
I.D.
Inches
O.D.
Inches.
Max W.P.
PSI
Weight
lbs / ft
Standard
Lengths
BA12-025YW
Z\v
0.53
300
0.14
300’/500’
BA12-038YW
C\,
0.68
250
0.14
300’/500’
BA12-075YW
Z\x
0.80
250
0.22
300’/500’
*YW indicates the color Yellow. For other colors change the suffix to the following: BK- Black.
*Call for additional fittings, lengths and assemblies.


Número de pieza similar - BA12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
BA120 L-COM-BA120 Datasheet
108Kb / 1P
F PLUG TO BNC JACK
01/04/02
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
High voltage, high current Darlington transistor array
BA12001B ROHM-BA12001B Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
logo
List of Unclassifed Man...
BA12003 ETC2-BA12003 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Descripción similar - BA12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
B57500M0103A005 EPCOS-B57500M0103A005 Datasheet
61Kb / 3P
Air sensor for air conditioning
logo
General Cable Technolog...
C4015A GENERAL-C4015A Datasheet
73Kb / 1P
4P 22 SOLID TC SR-PVC PVC
E1000S GENERAL-E1000S Datasheet
73Kb / 1P
2C 22 SOLID BC SR-PVC PVC
10/29/2007
E3512S GENERAL-E3512S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC PVC / PVC
C0972A GENERAL-C0972A Datasheet
84Kb / 1P
4C 22AWG SR-PVC, OAS, PVC
logo
Advanced Thermal Soluti...
ATS-WFF-60W-24-C ATS-ATS-WFF-60W-24-C Datasheet
618Kb / 1P
Air to Air Thermoelectric Assembly
ATS-WFF-60W-12-C ATS-ATS-WFF-60W-12-C Datasheet
598Kb / 1P
Air to air heat exchanger
ATS-FF-200W-48-C ATS-ATS-FF-200W-48-C Datasheet
626Kb / 1P
Air to Air Thermoelectric Assembly
ATS-FF-150W-24-C ATS-ATS-FF-150W-24-C Datasheet
572Kb / 1P
Air to Air Thermoelectric Assembly
logo
Belden Inc.
32P1620 BELDEN-32P1620 Datasheet
149Kb / 2P
Inst PVC/PVC, 20 Pr #16 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V
04-14-2023
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com