| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAMAX36 Datasheet(PDF) 4 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CAMAX36 Datasheet(HTML) 4 Page - Clarke International |
|
4 / 8 page ![]() 4 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com SAFETY PRECAUTIONS 1. Always read this manual before use. 2. Suitable for indoor use only. 3. Avoid using in dusty environments. 4. Do not use in environments containing chemical fumes etc. 5. Do not use as an extractor fan. 6. Do not use in areas of high humidity/water vapour, i.e. bathrooms etc. 7. Do not connect the fan to duct system. 8. Do not cover the fan with clothing or any material that will restrict free airflow through the fan. 9. Never touch the blades with your hand or any object. 10. Always unplug the fan before moving it or performing maintenance. 11. Don’t touch the fan when your hands are wet. 12. Do not disassemble the fan. 13. Always unplug the fan when it is not in use. 14. Never unplug the fan by pulling the cable. Always hold the plug. 15. Never use the fan if the cable or plug are damaged. 16. Never use the fan close to fires. 17. Do not use this fan with any solid-state speed control device to reduce the risk of fire or electric shock. ENVIRONMENTAL RECYCLING POLICY Through purchase of this product, the customer is taking on the obligation to deal with the WEEE in accordance with the WEEE regulations in relation to the treatment, recycling & recovery and environmentally sound disposal of the WEEE. In effect, this means that this product must not be disposed of with general household waste. It must be disposed of according to the laws governing Waste Electrical and Electronic Equipment (WEEE) at a recognised disposal facility. |