Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISUM6019 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

No. de pieza ISUM6019
Descripción Electrónicos  D Fast Recovery Epitaxial Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISUM6019 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISUM6019 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISUM6019 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISUM6019 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISUM6019
D
Fast Recovery Epitaxial Diode
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Diode Forward Voltage
IF=100A; TC=25℃
--
--
1.87
V
IF=200A; TC=25℃
--
--
2.13
IF=100A; TC=150℃
--
--
1.61
IF=200A; TC=150℃
--
--
1.92
IR
Reverse current
VR=1200V;TJ=25℃
--
--
3
mA
VR=960V;TJ=125℃
--
--
15
trr
Reverse Recovery Time
IF =100A;
VR = 600 V,
diF/dt = 600A/us
TC=25℃
--
150
--
ns
TC=150℃
--
255
--
PACKAGE OUTLINE (UNIT: MM):



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com