Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32WB09TE Datasheet(PDF) 57 Page - STMicroelectronics

No. de pieza STM32WB09TE
Descripción Electrónicos  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TE Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32WB09TE Datasheet HTML 53Page - STMicroelectronics STM32WB09TE Datasheet HTML 54Page - STMicroelectronics STM32WB09TE Datasheet HTML 55Page - STMicroelectronics STM32WB09TE Datasheet HTML 56Page - STMicroelectronics STM32WB09TE Datasheet HTML 57Page - STMicroelectronics STM32WB09TE Datasheet HTML 58Page - STMicroelectronics STM32WB09TE Datasheet HTML 59Page - STMicroelectronics STM32WB09TE Datasheet HTML 60Page - STMicroelectronics STM32WB09TE Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK2
packages, depending on their level of environmental compliance. ECOPACK2 specifications, grade definitions
and product status are available at: www.st.com. ECOPACK2 is an ST trademark.
7.1
Device marking
Refer to technical note “Reference device marking schematics for STM32 microcontrollers and microprocessors”
(TN1433 ) available on http://www.st.com, for the location of pin 1 / ball A1 as well as the location and orientation
of the marking areas versus pin 1 / ball A1.
Parts marked as “ES”, “E” or accompanied by an engineering sample notification letter, are not yet qualified and
therefore not approved for use in production. ST is not responsible for any consequences resulting from such use.
In no event will ST be liable for the customer using any of these engineering samples in production. ST’s Quality
department must be contacted prior to any decision to use these engineering samples to run a qualification
activity.
A WLCSP simplified marking example is provided in the corresponding package information subsection.
STM32WB09xE
Package information
DS14210 - Rev 6
page 57/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73