Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM261...ZEJQ1 Datasheet(PDF) 25 Page - Texas Instruments

No. de pieza AM261...ZEJQ1
Descripción Electrónicos  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJQ1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AM261...ZEJQ1 Datasheet HTML 21Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 22Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 23Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 24Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 25Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 26Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 27Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 28Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
D9
C9
C11
GPIO18
GPIO18_CFG_REG
0x5310 0048
0x0000 05F7
SPI1_D1
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
EPWM8_B
1
O
MMC0_CD
2
I
UART5_RXD
3
I
OSPI0_RESET_OUT0
4
O
PR1_PRU1_GPIO15
5
IO
FSIRX0_DATA1
6
I
GPIO18
7
IO
GPMC0_WPn
8
O
ADC_EXTCH_XBAROUT7
9
O
XBAROUT4
10
O
A9
A11
C10
A11
GPIO19
GPIO19_CFG_REG
0x5310 004C
0x0000 05F7
LIN1_RXD
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
OSPI0_ECC_FAIL
1
I
SPI2_CS0
2
IO
PR1_PRU1_GPIO6
3
IO
OSPI1_ECC_FAIL
4
I
UART1_RXD
5
I
GPMC0_AD6
6
IO
GPIO19
7
IO
OSPI0_RESET_OUT1
8
O
XBAROUT5
10
O
EPWM6_B
11
O
M15
P19
J16
N19
GPIO100
GPIO100_CFG_REG
0x5310 0190
0x0000 05F7
PR0_PRU0_GPIO12
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
RMII2_TXD1
2
O
RGMII2_TD1
3
O
MII2_TXD1
4
O
GPIO100
7
IO
H17
K20
F15
H19
GPIO101
GPIO101_CFG_REG
0x5310 0194
0x0000 05F7
PR0_PRU0_GPIO13
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
RGMII2_TD2
3
O
MII2_TXD2
4
O
GPIO101
7
IO
H16
L19
G14
H18
GPIO102
GPIO102_CFG_REG
0x5310 0198
0x0000 05F7
PR0_PRU0_GPIO14
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
RGMII2_TD3
3
O
MII2_TXD3
4
O
GPIO102
7
IO
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More