Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM261...ZEJ Datasheet(PDF) 31 Page - Texas Instruments

No. de pieza AM261...ZEJ
Descripción Electrónicos  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 31 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 27Page - Texas Instruments AM261...ZEJ Datasheet HTML 28Page - Texas Instruments AM261...ZEJ Datasheet HTML 29Page - Texas Instruments AM261...ZEJ Datasheet HTML 30Page - Texas Instruments AM261...ZEJ Datasheet HTML 31Page - Texas Instruments AM261...ZEJ Datasheet HTML 32Page - Texas Instruments AM261...ZEJ Datasheet HTML 33Page - Texas Instruments AM261...ZEJ Datasheet HTML 34Page - Texas Instruments AM261...ZEJ Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
B15
A18
B16
A17
GPIO126
GPIO126_CFG_REG
0x5310 01F8
0x0000 05F7
UART1_CTSn
0
I
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
PR1_MDIO0_MDIO
1
IO
SPI2_CS1
2
IO
PR1_IEP0_EDC_SYNC_OUT1
3
O
UART5_CTSn
4
I
UART5_TXD
5
O
GPMC0_CLKLB
6
IO
GPIO126
7
IO
SDFM0_CLK2
8
I
SDFM1_D1
9
I
ADC_EXTCH_XBAROUT8
10
O
C13
A17
A14
A16
GPIO127
GPIO127_CFG_REG
0x5310 01FC
0x0000 05F7
UART2_CTSn
0
I
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
PR1_MDIO0_MDC
1
O
SPI3_CS1
2
IO
UART5_RXD
5
I
GPMC0_BE0n_CLE
6
O
GPIO127
7
IO
SDFM0_D2
8
I
ADC_EXTCH_XBAROUT0
10
O
A15
B18
B15
GPIO128
GPIO128_CFG_REG
0x5310 0200
0x0000 05F7
SPI2_D1
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
PR1_PRU1_GPIO14
1
IO
UART5_RXD
5
I
GPMC0_AD14
6
IO
GPIO128
7
IO
SDFM0_CLK3
8
I
SDFM1_D2
9
I
ADC_EXTCH_XBAROUT9
10
O
C14
D17
B14
GPIO129
GPIO129_CFG_REG
0x5310 0204
0x0000 05F7
SPI2_CLK
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
PR1_PRU1_GPIO17
1
IO
UART5_TXD
5
O
GPMC0_WEn
6
O
GPIO129
7
IO
SDFM0_D3
8
I
ADC_EXTCH_XBAROUT1
10
O
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More