Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM2431BSDFHIALVR Datasheet(PDF) 64 Page - Texas Instruments

No. de pieza AM2431BSDFHIALVR
Descripción Electrónicos  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

AM2431BSDFHIALVR Datasheet(HTML) 64 Page - Texas Instruments

Back Button AM2431BSDFHIALVR Datasheet HTML 60Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 61Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 62Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 63Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 64Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 65Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 66Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 67Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 282 page
background image
5.3.6 ECAP
MAIN Domain Instances
Table 5-14. ECAP0 Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
ECAP0_IN_APWM_OUT (1)
IO
Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM)
Output
D18
(1)
The ECAP0_IN_APWM_OUT signal is not supported by the ALX packaged device. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
Table 5-15. ECAP1 Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
ECAP1_IN_APWM_OUT
IO
Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM)
Output
C17
B14
Table 5-16. ECAP2 Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
ECAP2_IN_APWM_OUT
IO
Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM)
Output
D17
A15
5.3.7 Emulation and Debug
MAIN Domain Instances
Table 5-17. Trace Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
TRC_CLK
O
Trace Clock
T20
R21
TRC_CTL
O
Trace Control
U21
R20
TRC_DATA0
O
Trace Data 0
T18
T19
TRC_DATA1
O
Trace Data 1
U20
V21
TRC_DATA2
O
Trace Data 2
U18
U21
TRC_DATA3
O
Trace Data 3
U19
T20
TRC_DATA4
O
Trace Data 4
V20
T18
TRC_DATA5
O
Trace Data 5
V21
U19
TRC_DATA6
O
Trace Data 6
V19
U18
TRC_DATA7
O
Trace Data 7
T17
U20
TRC_DATA8
O
Trace Data 8
R16
V20
TRC_DATA9
O
Trace Data 9
W20
W20
TRC_DATA10
O
Trace Data 10
W21
Y20
TRC_DATA11
O
Trace Data 11
V18
Y19
TRC_DATA12
O
Trace Data 12
Y21
Y18
TRC_DATA13
O
Trace Data 13
Y20
AA19
TRC_DATA14 (1)
O
Trace Data 14
R17
TRC_DATA15 (1)
O
Trace Data 15
P16
TRC_DATA16 (1)
O
Trace Data 16
R18
TRC_DATA17 (1)
O
Trace Data 17
T21
TRC_DATA18 (1)
O
Trace Data 18
P17
TRC_DATA19 (1)
O
Trace Data 19
T19
P21
TRC_DATA20 (1)
O
Trace Data 20
W19
TRC_DATA21 (1)
O
Trace Data 21
Y18
TRC_DATA22 (1)
O
Trace Data 22
N16
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
www.ti.com
64
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com