Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OTPS40FDN2 Datasheet(PDF) 55 Page - ABB

No. de pieza OTPS40FDN2
Descripción Electrónicos  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB

OTPS40FDN2 Datasheet(HTML) 55 Page - ABB

Back Button OTPS40FDN2 Datasheet HTML 51Page - ABB OTPS40FDN2 Datasheet HTML 52Page - ABB OTPS40FDN2 Datasheet HTML 53Page - ABB OTPS40FDN2 Datasheet HTML 54Page - ABB OTPS40FDN2 Datasheet HTML 55Page - ABB OTPS40FDN2 Datasheet HTML 56Page - ABB OTPS40FDN2 Datasheet HTML 57Page - ABB OTPS40FDN2 Datasheet HTML 58Page - ABB OTPS40FDN2 Datasheet HTML 59Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 192 page
background image
—
6 and 8-pole switch mechanism
Suitable for switches
Shaft distance
Type
Order code
Weight/
unit
mm
kg
Parallel attachment for connecting two 3- or 4-pole switches
The switches work simultaneously. Mounting directly on the top of two switch-disconnectors, snap-on
mounting. The switch size is printed on stickers for the different switch sizes. The fourth pole or auxiliary
contacts can be mounted on the outer side of the combination.
OT16...40
OWP6D40
1SCA022865R4800
0.03
OT63...80
OWP6D80
1SCA022865R5010
0.03
OT30...60, OT100...125
OWP6D125
1SCA022865R5100
0.03
OT160G
OESAZW2
1SCA022078R1600
0.80
Attachment levers for connecting two 3- or 4-pole switches
Attachment levers provided with holes, enabling different shaft distances.
The combination of 3 or 4-pole switches can be mounted either horizontally or vertically.
OT16...40
45+(0...12)x15
OTZW8
1SCA022421R7600
0.17
OT63...80
60+(0...11)x15
OTZW8
1SCA022421R7600
0.17
OT30...60, OT100...125
75+(0...10)x15
OTZW8
1SCA022421R7600
0.17
See the table of the handles and shafts included in the conversion kits on the following spread.
—
Change-over switch mechanism
Two switches (3 or 4-pole) are connected with a mechanism operating between
I-O-II -positions. The modular change-over switches can be built by adding a compact
snap-on kit on the top of two switch-disconnectors. The kits do not require any
additional foot print area, only the height is increased 12 mm.
Suitable for switches
Shaft distance
Type
Order code
Weight/
unit
mm
kg
Change-over kits
OT16…40
OWC6D40
1SCA022865R4550
0.03
OT63…80
OWC6D80
1SCA022865R4630
0.07
OT30...60, OT100...125
OWC6D125
1SCA104494R1001
0.09
Attachment levers
OT16…160
90+(0...10)x15
OESAZW1
1SCA022064R3710
0.78
See the table of the handles and shafts included in the conversion kits on the following spread.
—
Accessories for manual switch-disconnectors OT16...160
Ordering information for conversion kits
OTZW8
OWC6D40
OWC6D125
OWP6D40
OWP6D80
OWP6D125
OESAZW1
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
55
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
55