| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M74HC373B1R Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M74HC373B1R Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 13 page ![]() INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION (HC373) PIN No SYMBOL NAME AND FUNCTION 1 OE 3 State output Enable Input (Active LOW) 2, 5, 6, 9, 12, 15, 16, 19 Q0 to Q7 3 State outputs 3, 4, 7, 8, 13, 14, 17, 18 D0 to D7 Data Inputs 11 LE Latch Enable Input 10 GND Ground (0V) 20 VCC Positive Supply Voltage PIN DESCRIPTION (HC533) PIN No SYMBOL NAME AND FUNCTION 1 OE 3 State output Enable Input (Active LOW) 2, 5, 6, 9, 12, 15, 16, 19 Q0 to Q7 3 State outputs 3, 4, 7, 8, 13, 14, 17, 18 D0 to D7 Data Inputs 11 LE Latch Enable Input 10 GND Ground (0V) 20 VCC Positive Supply Voltage IEC LOGIC SYMBOLS HC373 HC533 M54/M74HC373/533 2/13 |