| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OS60GJS30 Datasheet(PDF) 9 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OS60GJS30 Datasheet(HTML) 9 Page - ABB |
|
9 / 12 page ![]() Switch fuses OS32...160 A Gamma Series | Dimension drawings 9 T O O F F ON I G F E M5 3/16 D H C A 8 0,31 29 1,14 7 0,28 138...205 (OXP 6x161) 5,43...8,07 45 1,77 112 4,41 14 min 0,35 B T O O F F ON I A2 114 A1 T O O F F ON I B2 B1 84 OS32-63GD mm OS32-63GB/F mm OS60GJ mm / in D11 D12 D13 D22 B/F11 B/F12 B/F13 B/F22 J11 J112 J13 J22 91 120,5 - 60 30 44 74 70 35 75 50 A B C D E F G A1 A2 B1 B2 114,5 120,5 23,5 60 30 44 74 93,5 35 123,5 50 138 120,5 23,5 60 30 44 74 117 35 147 50 138 120,5 23,5 60 30 67,5 97,5 117 58,5 147 73,5 91 108,5 - 60 30 44 74 70 35 75 50 114,5 108,5 23,5 60 30 44 74 93,5 35 123,5 50 138 108,5 23,5 60 30 44 74 117 35 147 50 138 108,5 23,5 60 30 67,5 97,5 117 58,5 147 73,5 74,5/2,93 118/4,65 - 7 1,5/2,81 36/1,41 55,5/2,19 91,5/3,6 81,5/3,21 40,5/1,59 111,5/4,39 70,5/2,78 148/5,82 118/4,65 35/1,38 71,5/2,81 36/1,41 55,5/2,19 91,5/3,6 116,5/4,59 40,5/1,59 146,5/5,77 70,5/2,78 183,5/7,20 118/4,65 35/1,38 71,5/2,81 36/1,41 55,5/2,19 91,5/3,6 151,5/5,96 40,5/1,59 181,5/7,15 70,5/2,78 179,5/8,58 118/4,65 35/1,38 71,5/2,81 36/1,41 90,5/3,56 126,5/4,98 151,5/5,96 75,5/2,97 181,5/7,15 105,5/4,15 mm in 45/1,77 100/3,94 Switch fuses OS32G...160G_ Dimension drawings OS32...63G_ T O O F F ON D C A 100/3,94 57/2,24 47,5 1,87 17,5 0,69 E 100/3,94 45/1,77 138...205 (OXP 6x161) 5,43...8,07 45 1,77 112/4,41 14 min 0,55 B 6 0,24 T O O F F ON A1 114 4,49 10 0,39 T O O F F ON 84 3,31 B1 25 0,98 OS32-63GD mm OS32-63GB/F mm OS60GJ mm / in D01 D02 D03 D04 B/F01 B/F02 B/F03 B/F04 J01 J02 J03 J04 A B C D E A1 B1 64,5 120,5 - 40 30 45 75 88 120,5 23,5 40 30 68,5 98,5 111,5 120,5 23,5 40 30 92 122 135,5 120,5 23,5 40 30 111,5 145,5 64,5 108,5 - 40 30 45 75 88 108,5 23,5 40 30 68,5 98,5 111,5 108,5 23,5 40 30 92 122 135,5 108,5 23,5 40 30 111,5 145,5 74,5/2,93 118/4,65 - 45,5/1,79 36/1,41 51/2,01 81/3,19 109,5/4,31 118/4,65 35/1,38 45,5/1,79 36/1,41 86/3,39 116/4,57 144,5/5,69 118/4,65 35/1,38 45,5/1,79 36/1,41 121/4,76 151/5,94 179,5/7,07 118/4,65 35/1,38 45,5/1,79 36/1,41 156/6,14 186/7,32 8 0,31 29 1,14 7 0,28 mm in M5 3/16 |