Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M54HC299C1R Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza M54HC299C1R
Descripción Electrónicos  CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC299C1R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M54HC299C1R Datasheet HTML 7Page - STMicroelectronics M54HC299C1R Datasheet HTML 8Page - STMicroelectronics M54HC299C1R Datasheet HTML 9Page - STMicroelectronics M54HC299C1R Datasheet HTML 10Page - STMicroelectronics M54HC299C1R Datasheet HTML 11Page - STMicroelectronics M54HC299C1R Datasheet HTML 12Page - STMicroelectronics M54HC299C1R Datasheet HTML 13Page - STMicroelectronics M54HC299C1R Datasheet HTML 14Page - STMicroelectronics M54HC299C1R Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SO20 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.10
0.20
0.004
0.007
a2
2.45
0.096
b
0.35
0.49
0.013
0.019
b1
0.23
0.32
0.009
0.012
C
0.50
0.020
c1
45
° (typ.)
D
12.60
13.00
0.496
0.512
E
10.00
10.65
0.393
0.419
e
1.27
0.050
e3
11.43
0.450
F
7.40
7.60
0.291
0.299
L
0.50
1.27
0.19
0.050
M
0.75
0.029
S8
° (max.)
P013L
M54/M74HC299/323
13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15