| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M54HC356 Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC356 Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 12 page ![]() TRUTH TABLE INPUTS SELECT * CLOCK OUTPUT ENABLES WY S2 S1 S0 G1 G2 G3 XXXXH XXZ Z XXXX X H XZ Z XXXX X X L Z Z L L L L L H D0 D0 L L L L L H D0n D0n L L H L L H D1 D1 L L H L L H D1n D1n LHL L L H D2 D2 L H L L L H D2n D2n L H H L L H D3 D3 L H H L L H D3n D3n HLL L L H D4 D4 H L L L L H D4n D4n H L H L L H D5 D5 H L H L L H D5n D5n H H L L L H D6 D6 H H L L L H D6n D6n H H H L L H D7 D7 H H H L L H D7n D7n X: DON’T CARE Z: HIGH IMPEDANCE *: This column shows the input adress setup with SC LOW. D1 ..... D7: The level of steady state inputs at input D1 througth D7, respectively, at the time of the LOW to HIGH transition of the clock. INPUT AND OUTPUT EQUIVALENT CIRCUIT M54/M74HC356 3/12 |