| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74273 Datasheet(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74273 Datasheet(HTML) 5 Page - STMicroelectronics |
|
5 / 11 page ![]() AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns) Symbol Parameter Test Conditions Value Unit VCC (V) TA =25 oC 54HC and 74HC -40 to 85 oC 74HC -55 to 125 oC 54HC Min. Typ. Max. Min. Max. Min. Max. tTLH tTHL Output Transition Time 2.0 25 75 95 110 ns 4.5 7 151922 6.0 6 131619 tPLH tPHL Propagation Delay Time (CLOCK - Q) 2.0 54 145 180 220 ns 4.5 18 29 36 44 6.0 15 25 31 37 tPLH tPHL Propagation Delay Time (CLEAR - Q) 2.0 60 160 200 240 ns 4.5 20 32 40 48 6.0 17 27 34 41 fMAX Maximum Clock Frequency 2.0 6 18 4.8 4 MHz 4.5 30 56 24 20 6.0 35 66 28 24 tW(H) tW(L) Minimum Pulse Width (CLOCK) 2.0 28 75 95 110 ns 4.5 7 151922 6.0 6 131619 tW(L) Minimum Pulse Width (CLEAR) 2.0 28 75 95 110 ns 4.5 7 151922 6.0 6 131619 ts Minimum Set-up Time 2.0 20 75 95 110 ns 4.5 4 151922 6.0 3 131619 th Minimum Hold Time 2.0 0 0 0 ns 4.5 0 0 0 6.0 0 0 0 tREM Minimum Removal Time (CLEAR) 2.0 16 50 65 75 ns 4.5 4 101315 6.0 3 9 11 13 CIN Input Capacitance 5 10 10 10 pF CPD (*) Power Dissipation Capacitance 43 pF (*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD •VCC •fIN +ICC/8 (per Flip FLop), and the total CPD when n pcs of Flip Flop operate can be gained by the following equations: CPD (total) = 32 + 11 x n M54/M74HC273 5/11 |