Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CCPD-033 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza CCPD-033
Descripción Electrónicos  Clock Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

CCPD-033 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CCPD-033 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Differential LVPECL
Clock Oscillator
SUGGESTED PAD LAYOUT
.071 SQ
(1.80)
.148
(3.75)
.200
(5.08)
.075
(1.80)
.283
(7.20)
.203
(5.15)
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
.055 ±.003
(1.40 ±.08)
.200 ±.005
(5.08 ±.13)
#6
.055 ±.003
(1.40 ±.08)
Denotes pad 1
P/N
Freq DC
#5
#4
#3
#2
#1
Bypass Capacitor Recommended
Specifications subject to change without notice.
Designed to meet today's
requirements for 3.3V
Complementary LVPECL
applications. The CCPD-033
uses a high Q crystal providing
very low jitter and phase noise
for demanding applications.
Available on 16mm tape and
reel in quantities of 1K.
5X7 mm SMD,
3.3V, LVPECL
CCPD-033 Model
E/D pin
Output pin
Open
"1" level 0.7V Min
"0" level 0.3V Max
Active
Active
High Z
Tri-State Function
Table 3
77.760MHz to 161.1328MHz
±20ppm to ±100ppm
0°C to 70°C
-20°C to 70°C
-40°C to 85°C
-55°C to 120°C
3.3V ± 0.3V
55mA Typ, 88mA Max
Differential LVPECL
45/55% Max @ 50% Vdd
1ns Max @ 20% to 80% Vdd
into 50 ohms
"0" = 1.490 Min, 1.680 Max
"1" = 2.275 Min, 2.420 Max
"0" = 1.470 Min, 1.745 Max
"1" = 2.215 Min, 2.420 Max
200ns Max
1mSec Typ., 2mSec Max
0.5 psec Typ., 1ps RMS Max
-65dBc Typical
-98dBc Typical
-125dBc Typical
-140dBc Typical
-145dBc Typical
<3ppm 1st/yr, <1ppm every year thereafter
Frequency Range:
Frequency Stability:
Temperature Range:
(Option M)
(Option X)
Storage:
Input Voltage:
Input Current:
Output:
Symmetry:
Rise/Fall Time:
Logic:
Terminated to Vdd-2V
Temp. 0°C to 85°C
Temp. -40°C to 0°C
Disable Time
Start-up Time
Phase Jitter:
12KHz to 80MHz
Phase Noise:
10Hz
100Hz
1KHz
10KHz
100KHz~100MHz
Aging:
TD-020904 Rev.K
CCPD-033 X - 25 - 155.520
Crystek Part Number Guide
#1 Crystek 5x7 SMD PECL Osc.
#2 Model 033 = 3.3V
#3 Temp. Range: Blank = 0/70°C, M= -20/70°C, X= -40/85°C
#4 Stability: (see Table 1)
#5 Frequency in MHz: 3 or 6 decimal places
#1
#2
#3
#5
Example:
CCPD-033X-25-155.520 = 3.3V, 45/55, -40/85°C, 25ppm, 155.520 MHz
#4
Blank (std)
± 100ppm
50
± 50ppm
25
± 25ppm
20 **
± 20ppm
** only available 0/70°C
Stability Indicator:
Table 1
Pad
Connection
1
2
3
4
5
6
E/D
N/C
GND
OUT
COUT
Vdd
Table 2
Shock:
Solderability:
Vibration:
Solvent Resistance:
Resistance to Soldering Heat:
Thermal Shock:
Moisture Resistance:
MIL-STD-883, Method 2002, Condition B
MIL-STD-883, Method 2003
MIL-STD-883, Method 2007, Condition A
MIL-STD-202, Method 215
MIL-STD-202, Method 210, Condition I or J
MIL-STD-883, Method 1011, Condition A
MIL-STD-883, Method 1004
Mechanical:
Environmental:
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical Temperature
Zone
Ramp-Down
6°C/Sec.
NOTE: Reflow Profile with 240°C peak also acceptable.


Número de pieza similar - CCPD-033

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crystek Corporation
CCPD-033 CRYSTEKCRYSTAL-CCPD-033 Datasheet
596Kb / 3P
LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
logo
CRYSTEK CORPORATION
CCPD-033 CRYSTEKMICROWAVE-CCPD-033 Datasheet
363Kb / 3P
5횞7mm SMD LVPECL Clock Oscillator
logo
Crystek Corporation
CCPD-033-155.520 CRYSTEKCRYSTAL-CCPD-033-155.520 Datasheet
596Kb / 3P
LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
CCPD-033-20-155.520 CRYSTEKCRYSTAL-CCPD-033-20-155.520 Datasheet
596Kb / 3P
LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
CCPD-033-25-155.520 CRYSTEKCRYSTAL-CCPD-033-25-155.520 Datasheet
596Kb / 3P
LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
More results

Descripción similar - CCPD-033

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
CLOCK OSCILLATOR
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
CLOCK OSCILLATOR
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
Clock Oscillator
March, 2009 ??Rev. 2
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
Clock Oscillator
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
Clock oscillator
01/02/2017
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com