Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M54HC113 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza M54HC113
Descripción Electrónicos  DUAL J-K FLIP FLOP WITH PRESET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC113 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M54HC113 Datasheet HTML 3Page - STMicroelectronics M54HC113 Datasheet HTML 4Page - STMicroelectronics M54HC113 Datasheet HTML 5Page - STMicroelectronics M54HC113 Datasheet HTML 6Page - STMicroelectronics M54HC113 Datasheet HTML 7Page - STMicroelectronics M54HC113 Datasheet HTML 8Page - STMicroelectronics M54HC113 Datasheet HTML 9Page - STMicroelectronics M54HC113 Datasheet HTML 10Page - STMicroelectronics M54HC113 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PLCC20 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
9.78
10.03
0.385
0.395
B
8.89
9.04
0.350
0.356
D
4.2
4.57
0.165
0.180
d1
2.54
0.100
d2
0.56
0.022
E
7.37
8.38
0.290
0.330
e
1.27
0.050
e3
5.08
0.200
F
0.38
0.015
G
0.101
0.004
M
1.27
0.050
M1
1.14
0.045
P027A
M54/M74HC113
10/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11