| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M50LPW041K Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M50LPW041K Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 37 page ![]() M50LPW041 4/37 SIGNAL DESCRIPTIONS There are two different bus interfaces available on this part. The active interface is selected before power-up or during Reset using the Interface Con- figuration Pin, IC. The signals for each interface are discussed in the Low Pin Count (LPC) Signal Descriptions section and the Address/Address Multiplexed (A/A Mux) Signal Descriptions section below. The supply sig- nals are discussed in the Supply Signal Descrip- tions section below. Low Pin Count (LPC) Signal Descriptions For the Low Pin Count (LPC) Interface see Figure 1, Logic Diagram, and Table 1, Signal Names. Input/Output Communications (LAD0-LAD3). All Input and Output Communication with the memory take place on these pins. Addresses and Data for Bus Read and Bus Write operations are encoded on these pins. Input Communication Frame (LFRAME). The Input Communication Frame (LFRAME) signals the start of a bus operation. When Input Commu- nication Frame is Low, VIL, on the rising edge of the Clock a new bus operation is initiated. If Input Communication Frame is Low, VIL, during a bus operation then the operation is aborted. When In- put Communication Frame is High, VIH, the cur- rent bus operation is proceeding or the bus is idle. Identification Inputs (ID0-ID3). The Identification Inputs (ID0-ID3) allow to address up to 16 memories on a bus. The value on addresses A19- A22 is compared to the hardware strapping on the ID0-ID3 pins to select which memory is being addressed, as shown in Table 2. General Purpose Inputs (GPI0-GPI4). The Gener- al Purpose Inputs can be used as digital inputs for the CPU to read. The General Purpose Input Reg- ister holds the values on these pins. The pins must have stable data from before the start of the cycle that reads the General Purpose Input Register un- til after the cycle is complete. These pins must not be left to float, they should be driven Low, VIL, or High, VIH. Interface Configuration (IC). The Interface Con- figuration input selects whether the Low Pin Count (LPC) or the Address/Address Multiplexed (A/A Mux) Interface is used. The chosen interface must be selected before power-up or during a Reset and, thereafter, cannot be changed. The state of the Interface Configuration, IC, should not be changed during operation. Table 2. Memory Identification Input Configuration Memory Number ID2 ID2 ID1 ID0 Top Bottom A 22 A 21 A 20 A 19 A 22 A 21 A 20 A 19 1 (Boot) VIL or floating VIL or floating VIL or floating VIL or floating 11 11 000 1 2 VIL or floating VIL or floating VIL or floating VIH 11 10 000 0 3 VIL or floating VIL or floating VIH VIL or floating 11 01 001 1 4 VIL or floating VIL or floating VIH VIH 11 00 001 0 5 VIL or floating VIH VIL or floating VIL or floating 10 11 010 1 6 VIL or floating VIH VIL or floating VIH 10 10 010 0 7 VIL or floating VIH VIH VIL or floating 10 01 011 1 8 VIL or floating VIH VIH VIH 10 00 011 0 9 VIH VIL or floating VIL or floating VIL or floating 01 11 100 1 10 VIH VIL or floating VIL or floating VIH 01 10 100 0 11 VIH VIL or floating VIH VIL or floating 01 01 101 1 12 VIH VIL or floating VIH VIH 01 00 101 0 13 VIH VIH VIL or floating VIL or floating 00 11 110 1 14 VIH VIH VIL or floating VIH 00 10 110 0 15 VIH VIH VIH VIL or floating 00 01 111 1 16 VIH VIH VIH VIH 00 00 111 0 |