| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M48T59-70PC6 Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M48T59-70PC6 Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 21 page ![]() M48T59, M48T59Y, M48T59V 4/21 Table 5. Capacitance (1, 2) (TA = 25 °C) Note: 1. Effective capacitance measured with power supply at 5V. 2. Sampled only, not 100% tested. 3. Outputs deselected. Table 6. DC Characteristics (TA = 0 to 70 °C or –40 to 85 °C; VCC = 4.75V to 5.5V or 4.5V to 5.5V or 3.0V to 3.6V) Note: 1. Outputs deselected. 2. Negative spikes of –1V allowed for up to 10ns once per cycle. 3. The IRQ/FT and RST pins are Open Drain. Table 7. Power Down/Up Trip Points DC Characteristics (1) (TA = 0 to 70 °C or –40 to 85 °C) Note: 1. All voltages referenced to VSS. 2. Using larger M4T32-BR12SH6 SNAPHAT top (recommended for Industrial Temperature Range - grade 6 device). Symbol Parameter Test Condition Min Max Unit CIN Input Capacitance VIN = 0V 10 pF CIO (3) Input / Output Capacitance VOUT = 0V 10 pF Symbol Parameter Test Condition M48T59/Y M48T59V Unit Min Max Min Max ILI (1) Input Leakage Current 0V ≤ VIN ≤ VCC ±1 ±1 µA ILO (1) Output Leakage Current 0V ≤ VOUT ≤ VCC ±1 ±1 µA ICC Supply Current Outputs open 50 30 mA ICC1 Supply Current (Standby) TTL E = VIH 32 mA ICC2 Supply Current (Standby) CMOS E = VCC – 0.2V 31 mA VIL (2) Input Low Voltage –0.3 0.8 –0.3 0.8 V VIH Input High Voltage 2.2 VCC + 0.3 2 VCC + 0.3 V VOL Output Low Voltage IOL = 2.1mA 0.4 0.4 V Output Low Voltage (IRQ/FT and RST) (3) IOL = 10mA 0.4 0.4 V VOH Output High Voltage IOH = –1mA 2.4 2.4 V Symbol Parameter Min Typ Max Unit VPFD Power-fail Deselect Voltage M48T59 4.5 4.6 4.75 V M48T59Y 4.2 4.35 4.5 V M48T59V 2.7 2.9 3.0 V VSO Battery Back-up Switchover Voltage M48T59/Y 3.0 V M48T59V VPFD –100mV V tDR ExpectedDataRetentionTime(at25°C) Grade 1 7 YEARS Grade 6 10 (2) YEARS |