Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD78C18 Datasheet(PDF) 2 Page - NEC

No. de pieza UPD78C18
Descripción Electrónicos  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 2 Page - NEC

  UPD78C18 Datasheet HTML 1Page - NEC UPD78C18 Datasheet HTML 2Page - NEC UPD78C18 Datasheet HTML 3Page - NEC UPD78C18 Datasheet HTML 4Page - NEC UPD78C18 Datasheet HTML 5Page - NEC UPD78C18 Datasheet HTML 6Page - NEC UPD78C18 Datasheet HTML 7Page - NEC UPD78C18 Datasheet HTML 8Page - NEC UPD78C18 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 373 page
background image
NOTES FOR CMOS DEVICES
1
PRECAUTION AGAINST ESD FOR SEMICONDUCTORS
Note:
Strong electric field, when exposed to a MOS device, can cause destruction of the gate oxide
and ultimately degrade the device operation. Steps must be taken to stop generation of static
electricity as much as possible, and quickly dissipate it once, when it has occurred. Environ-
mental control must be adequate. When it is dry, humidifier should be used. It is recommended
to avoid using insulators that easily build static electricity. Semiconductor devices must be
stored and transported in an anti-static container, static shielding bag or conductive material.
All test and measurement tools including work bench and floor should be grounded. The
operator should be grounded using wrist strap. Semiconductor devices must not be touched
with bare hands. Similar precautions need to be taken for PW boards with semiconductor
devices on it.
2
HANDLING OF UNUSED INPUT PINS FOR CMOS
Note:
No connection for CMOS device inputs can be cause of malfunction.
If no connection is
provided to the input pins, it is possible that an internal input level may be generated due to
noise, etc., hence causing malfunction. CMOS devices behave differently than Bipolar or NMOS
devices. Input levels of CMOS devices must be fixed high or low by using a pull-up or pull-down
circuitry. Each unused pin should be connected to VDD or GND with a resistor, if it is considered
to have a possibility of being an output pin. All handling related to the unused pins must be
judged device by device and related specifications governing the devices.
3
STATUS BEFORE INITIALIZATION OF MOS DEVICES
Note:
Power-on does not necessarily define initial status of MOS device. Production process of MOS
does not define the initial operation status of the device. Immediately after the power source
is turned ON, the devices with reset function have not yet been initialized. Hence, power-on
does not guarantee out-pin levels, I/O settings or contents of registers. Device is not initialized
until the reset signal is received. Reset operation must be executed immediately after power-
on for devices having reset function.
QTOP is a trademark of NEC Corporation.
MS-DOS is a trademark of Microsoft Corporation.
PC/AT and PC DOS are trademarks of IBM Corporation.