Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M41ST84WSH Datasheet(PDF) 28 Page - STMicroelectronics

No. de pieza M41ST84WSH
Descripción Electrónicos  5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST84WSH Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M41ST84WSH Datasheet HTML 23Page - STMicroelectronics M41ST84WSH Datasheet HTML 24Page - STMicroelectronics M41ST84WSH Datasheet HTML 25Page - STMicroelectronics M41ST84WSH Datasheet HTML 26Page - STMicroelectronics M41ST84WSH Datasheet HTML 27Page - STMicroelectronics M41ST84WSH Datasheet HTML 28Page - STMicroelectronics M41ST84WSH Datasheet HTML 29Page - STMicroelectronics M41ST84WSH Datasheet HTML 30Page - STMicroelectronics M41ST84WSH Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
M41ST84Y, M41ST84W
28/31
Figure 25. SH – 4-pin SNAPHAT Housing for 120mAh Battery & Crystal, Package Outline
Note: Drawing is not to scale.
Table 18. SH – 4-pin SNAPHAT Housing for 120mAh Battery & Crystal, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
10.54
0.4150
A1
6.73
7.24
0.2650
0.2850
A2
6.48
6.99
0.2551
0.2752
A3
0.38
0.0150
B
0.46
0.56
0.0181
0.0220
D
21.21
21.84
0.8350
0.8598
E
14.22
14.99
0.5598
0.5902
eA
15.55
15.95
0.6122
0.6280
eB
3.20
3.61
0.1260
0.1421
L
2.03
2.29
0.0799
0.0902
SHTK-A
A1
A
D
E
eA
eB
A2
B
L
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31