| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ILA-TIM-LEDIL-0A Datasheet(PDF) 1 Page - Intelligent LED Solutions |
|
|
|||||||||||||||||||||||||||||
ILA-TIM-LEDIL-0A Datasheet(HTML) 1 Page - Intelligent LED Solutions |
|
1 / 11 page ![]() © IGS Version V1 +44 (0)1635 294606 | info@i-led.co.uk | https://i-led.co.uk Intelligent LED Solutions, Unit 2, Berkshire Business Centre, Berkshire Drive, Thatcham, Berkshire, RG19 4EW A division of Intelligent Group Solutions Ltd 1 of 11 OSLON Black IR LEDiL Selector ILR-xx01-xxSL-LEDIL-SC221. The LEDiL Selector board from ILS is an innovative light engine designed to explore which secondary optic works best with ams OSRAM OSLON® Black LEDs. The LEDiL Selector has been designed to work with most single source optics from LEDiL and can be easily connected to an LED driver thanks to the on-board connectors. CONTENTS Applications page 2 Technical Features page 2 Product Options page 3 Minimum and Maximum Ratings page 3 Applications page 4 Technical Drawings page 5 LED Radiation Diagram page 6 Secondary Optic Options page 7 Heatsink Options page 8 Power Supply Options page 8 Thermal Interface Material Options page 9 Assembly Information page 9 Important Information and Precautions page 9 Safety Information page 10 |
Número de pieza similar - ILA-TIM-LEDIL-0A |
|
Descripción similar - ILA-TIM-LEDIL-0A |