Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA282 Datasheet(PDF) 21 Page - Pico Technology Ltd.

No. de pieza TA282
Descripción Electrónicos  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PICO [Pico Technology Ltd.]
Página de inicio  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA282 Datasheet(HTML) 21 Page - Pico Technology Ltd.

Back Button TA282 Datasheet HTML 17Page - Pico Technology Ltd. TA282 Datasheet HTML 18Page - Pico Technology Ltd. TA282 Datasheet HTML 19Page - Pico Technology Ltd. TA282 Datasheet HTML 20Page - Pico Technology Ltd. TA282 Datasheet HTML 21Page - Pico Technology Ltd. TA282 Datasheet HTML 22Page - Pico Technology Ltd. TA282 Datasheet HTML 23Page - Pico Technology Ltd. TA282 Datasheet HTML 24Page - Pico Technology Ltd. TA282 Datasheet HTML 25Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
PicoScope® 6000E Series
Digital triggering architecture
Many digital oscilloscopes still use an analog trigger architecture
based on comparators. This causes time and amplitude errors
that cannot always be calibrated out and often limits the trigger
sensitivity at high bandwidths.
In 1991 Pico pioneered the use of fully digital triggering using the
actual digitized data. This technique reduces trigger errors and
allows our oscilloscopes to trigger on the smallest signals, even
at the full bandwidth. Trigger levels and hysteresis can be set with
high precision and resolution.
Advanced triggers
The PicoScope 6000E Series offers a set of advanced trigger types
including pulse width, runt pulse, windowed, rise/fall time, logic and
dropout.
The digital trigger available during MSO operation allows you to
trigger the scope when any or all of the 16 digital inputs match a
user-defined pattern. You can specify a condition for each channel
individually, or set up a pattern for all channels at once using a
binary value.
You can also use the logic trigger to combine the digital trigger
with an edge or window trigger on any of the analog inputs, for
example to trigger on data values in a clocked parallel bus.
Actions
PicoScope can be programmed to execute actions when certain events occur.
Events that can trigger an action include mask limit fails, trigger events and buffers full.
The actions that PicoScope can execute include:
•
Stop the capture
•
Save waveform to disk
•
Play a sound
•
Trigger signal generator or AWG
•
Run an external application or script
Actions, coupled with mask limit testing, help create a powerful and time-saving waveform monitoring tool. Capture
a known good signal, auto-generate a mask around it and then use the actions to automatically save any waveform
(complete with a time/date stamp) that does not meet specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42