| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R8152S046B Datasheet(PDF) 15 Page - Nisshinbo Micro Devices Inc. |
|
|
|||||||||||||||||||||||||||||
R8152S046B Datasheet(HTML) 15 Page - Nisshinbo Micro Devices Inc. |
|
15 / 28 page ![]() R8152x NO. EC-238-180730 15 R8152J MARK SPECIFICATION TABLE (TO-252-5-P2) Product Name VSET Product Name VSET R8152J030B F 1 J 0 3 0 3.0 V R8152J080B F 1 J 0 8 0 8.0 V R8152J031B F 1 J 0 3 1 3.1 V R8152J081B F 1 J 0 8 1 8.1 V R8152J032B F 1 J 0 3 2 3.2 V R8152J082B F 1 J 0 8 2 8.2 V R8152J033B F 1 J 0 3 3 3.3 V R8152J083B F 1 J 0 8 3 8.3 V R8152J034B F 1 J 0 3 4 3.4 V R8152J084B F 1 J 0 8 4 8.4 V R8152J035B F 1 J 0 3 5 3.5 V R8152J085B F 1 J 0 8 5 8.5 V R8152J036B F 1 J 0 3 6 3.6 V R8152J086B F 1 J 0 8 6 8.6 V R8152J037B F 1 J 0 3 7 3.7 V R8152J087B F 1 J 0 8 7 8.7 V R8152J038B F 1 J 0 3 8 3.8 V R8152J088B F 1 J 0 8 8 8.8 V R8152J039B F 1 J 0 3 9 3.9 V R8152J089B F 1 J 0 8 9 8.9 V R8152J040B F 1 J 0 4 0 4.0 V R8152J090B F 1 J 0 9 0 9.0 V R8152J041B F 1 J 0 4 1 4.1 V R8152J091B F 1 J 0 9 1 9.1 V R8152J042B F 1 J 0 4 2 4.2 V R8152J092B F 1 J 0 9 2 9.2 V R8152J043B F 1 J 0 4 3 4.3 V R8152J093B F 1 J 0 9 3 9.3 V R8152J044B F 1 J 0 4 4 4.4 V R8152J094B F 1 J 0 9 4 9.4 V R8152J045B F 1 J 0 4 5 4.5 V R8152J095B F 1 J 0 9 5 9.5 V R8152J046B F 1 J 0 4 6 4.6 V R8152J096B F 1 J 0 9 6 9.6 V R8152J047B F 1 J 0 4 7 4.7 V R8152J097B F 1 J 0 9 7 9.7 V R8152J048B F 1 J 0 4 8 4.8 V R8152J098B F 1 J 0 9 8 9.8 V R8152J049B F 1 J 0 4 9 4.9 V R8152J099B F 1 J 0 9 9 9.9 V R8152J050B F 1 J 0 5 0 5.0 V R8152J100B F 1 J 1 0 0 10.0 V R8152J051B F 1 J 0 5 1 5.1 V R8152J101B F 1 J 1 0 1 10.1 V R8152J052B F 1 J 0 5 2 5.2 V R8152J102B F 1 J 1 0 2 10.2 V R8152J053B F 1 J 0 5 3 5.3 V R8152J103B F 1 J 1 0 3 10.3 V R8152J054B F 1 J 0 5 4 5.4 V R8152J104B F 1 J 1 0 4 10.4 V R8152J055B F 1 J 0 5 5 5.5 V R8152J105B F 1 J 1 0 5 10.5 V R8152J056B F 1 J 0 5 6 5.6 V R8152J106B F 1 J 1 0 6 10.6 V R8152J057B F 1 J 0 5 7 5.7 V R8152J107B F 1 J 1 0 7 10.7 V R8152J058B F 1 J 0 5 8 5.8 V R8152J108B F 1 J 1 0 8 10.8 V R8152J059B F 1 J 0 5 9 5.9 V R8152J109B F 1 J 1 0 9 10.9 V R8152J060B F 1 J 0 6 0 6.0 V R8152J110B F 1 J 1 1 0 11.0 V R8152J061B F 1 J 0 6 1 6.1 V R8152J111B F 1 J 1 1 1 11.1 V R8152J062B F 1 J 0 6 2 6.2 V R8152J112B F 1 J 1 1 2 11.2 V R8152J063B F 1 J 0 6 3 6.3 V R8152J113B F 1 J 1 1 3 11.3 V R8152J064B F 1 J 0 6 4 6.4 V R8152J114B F 1 J 1 1 4 11.4 V R8152J065B F 1 J 0 6 5 6.5 V R8152J115B F 1 J 1 1 5 11.5 V R8152J066B F 1 J 0 6 6 6.6 V R8152J116B F 1 J 1 1 6 11.6 V R8152J067B F 1 J 0 6 7 6.7 V R8152J117B F 1 J 1 1 7 11.7 V R8152J068B F 1 J 0 6 8 6.8 V R8152J118B F 1 J 1 1 8 11.8 V R8152J069B F 1 J 0 6 9 6.9 V R8152J119B F 1 J 1 1 9 11.9 V R8152J070B F 1 J 0 7 0 7.0 V R8152J120B F 1 J 1 2 0 12.0 V R8152J071B F 1 J 0 7 1 7.1 V R8152J125B F 1 J 1 2 5 12.5 V R8152J072B F 1 J 0 7 2 7.2 V R8152J130B F 1 J 1 3 0 13.0 V R8152J073B F 1 J 0 7 3 7.3 V R8152J135B F 1 J 1 3 5 13.5 V R8152J074B F 1 J 0 7 4 7.4 V R8152J140B F 1 J 1 4 0 14.0 V R8152J075B F 1 J 0 7 5 7.5 V R8152J145B F 1 J 1 4 5 14.5 V R8152J076B F 1 J 0 7 6 7.6 V R8152J150B F 1 J 1 5 0 15.0 V R8152J077B F 1 J 0 7 7 7.7 V R8152J155B F 1 J 1 5 5 15.5 V R8152J078B F 1 J 0 7 8 7.8 V R8152J160B F 1 J 1 6 0 16.0 V R8152J079B F 1 J 0 7 9 7.9 V R8152J165B F 1 J 1 6 5 16.5 V R8152J170B F 1 J 1 7 0 17.0 V R8152J175B F 1 J 1 7 5 17.5 V R8152J180B F 1 J 1 8 0 18.0 V |