Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST7FOXK2 Datasheet(PDF) 17 Page - STMicroelectronics

No. de pieza ST7FOXK2
Descripción Electrónicos  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK2 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST7FOXK2 Datasheet HTML 13Page - STMicroelectronics ST7FOXK2 Datasheet HTML 14Page - STMicroelectronics ST7FOXK2 Datasheet HTML 15Page - STMicroelectronics ST7FOXK2 Datasheet HTML 16Page - STMicroelectronics ST7FOXK2 Datasheet HTML 17Page - STMicroelectronics ST7FOXK2 Datasheet HTML 18Page - STMicroelectronics ST7FOXK2 Datasheet HTML 19Page - STMicroelectronics ST7FOXK2 Datasheet HTML 20Page - STMicroelectronics ST7FOXK2 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Pin description
17/226
14
18
PB0/AIN0
I/O
CT
x
ei1
xxx
Port B0
AIN0
15
19
PB1/AIN1/CLKIN
I/O
CT
x
xxx
Port B1
AIN1/Externa
l clock source
16
20
PB2/AIN2
I/O
CT
x
xxx
Port B2
AIN2
17
21
PB3/AIN3/MOSI(2)
I/O
CT
x
xxx
Port B3
AIN3/SPI
Master out
/Slave in data
18
22
PB4/AIN4/MISO(2)
I/O
CT
x
xxx
Port B4
AIN4/SPI
Master
in/Slave out
data
19
23
PB5/AIN5/
EXTCLK_A(2)
I/O
CT
x
xxx
Port B5
AIN5/Timer A
input clock
20
24
PB6/AIN6/SCK(2)
I/O
CT
x
xxx
Port B6
AIN6/SPI
serial clock
21
25
PB7/AIN7/SS(2)/
OCMP2_A(2)
I/O
CT
x
xxx
Port B7
AIN7/SPI
slave select
(active low)/
Timer A
Output
Compare 2
22
26
PC0/AIN8/
ICAP1_A(2)
I/O
CT
x
ei2
xxx
Port C0
AIN8/Timer A
Input
Capture 1
23
27
PC1/AIN9/
ICAP2_A(2)
I/O
CT
x
xxx
Port C1
AIN9/Timer A
Input
Capture 2
24
28
PC2/ICCDATA
I/O
CT
x
xx
Port C2
ICCDATA
25
29
PC3/ICCCLK
I/O
CT
x
x
xx
Port C3
ICCCLK
26
30
PC4/LTIC
I/O
CT
x
ei2
xx
Port C4
LTIC
27
31
PC5/BREAK2(4)
I/O
CT
x
xx
Port C5
BREAK2
28
32
PC6
I/O
CT
x
xx
Port C6
29
1
PC7/BREAK1
I/O
CT
x
xx
Port C7
BREAK1
Table 2.
Device pin description (32-pin packages) (continued)
Pin
number
Pin name
Level
Port/control
Main
function
(after
reset)
Alternate
function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More