Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F101R6U6TR Datasheet(PDF) 71 Page - STMicroelectronics

No. de pieza STM32F101R6U6TR
Descripción Electrónicos  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101R6U6TR Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32F101R6U6TR Datasheet HTML 67Page - STMicroelectronics STM32F101R6U6TR Datasheet HTML 68Page - STMicroelectronics STM32F101R6U6TR Datasheet HTML 69Page - STMicroelectronics STM32F101R6U6TR Datasheet HTML 70Page - STMicroelectronics STM32F101R6U6TR Datasheet HTML 71Page - STMicroelectronics STM32F101R6U6TR Datasheet HTML 72Page - STMicroelectronics STM32F101R6U6TR Datasheet HTML 73Page - STMicroelectronics STM32F101R6U6TR Datasheet HTML 74Page - STMicroelectronics STM32F101R6U6TR Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
DocID15058 Rev 6
71/87
STM32F101x4, STM32F101x6
Package characteristics
86
6
Package characteristics
6.1
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
6.2
VFQFPN36 package information
Figure 35. VFQFPN36 - 36-pin, 6x6 mm, 0.5 mm pitch very thin profile fine pitch
quad flat package outline
1. Drawing is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87