Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST2S06D33 Datasheet(PDF) 18 Page - STMicroelectronics

No. de pieza ST2S06D33
Descripción Electrónicos  Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S06D33 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST2S06D33 Datasheet HTML 13Page - STMicroelectronics ST2S06D33 Datasheet HTML 14Page - STMicroelectronics ST2S06D33 Datasheet HTML 15Page - STMicroelectronics ST2S06D33 Datasheet HTML 16Page - STMicroelectronics ST2S06D33 Datasheet HTML 17Page - STMicroelectronics ST2S06D33 Datasheet HTML 18Page - STMicroelectronics ST2S06D33 Datasheet HTML 19Page - STMicroelectronics ST2S06D33 Datasheet HTML 20Page - STMicroelectronics ST2S06D33 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Package mechanical data
ST2S06A33 - ST2S06B - ST2S06D33
18/21
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
99
101
3.898
3.976
T
14.4
0.567
Ao
4.35
0.171
Bo
4.35
0.171
Ko
1.1
0.043
Po
4
0.157
P
8
0.315
Tape & reel QFNxx/DFNxx (4x4) mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21