Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NR-LAB2 Datasheet(PDF) 6 Page - Bourns Electronic Solutions

No. de pieza NR-LAB2
Descripción Electrónicos  Komatsulite™ Mini-Breakers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

NR-LAB2 Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  NR-LAB2 Datasheet HTML 1Page - Bourns Electronic Solutions NR-LAB2 Datasheet HTML 2Page - Bourns Electronic Solutions NR-LAB2 Datasheet HTML 3Page - Bourns Electronic Solutions NR-LAB2 Datasheet HTML 4Page - Bourns Electronic Solutions NR-LAB2 Datasheet HTML 5Page - Bourns Electronic Solutions NR-LAB2 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Overcoming Circuit Protection Challenges in Lithium Battery Cell Operated Electronics
Komatsulite™ Mini-Breakers Application Note
12/15 • e/C1564
LC Series
HC Series
KCA Series
NR-C Series
NR-A Series
Komatsulite is a pioneer in the development of mini-breaker technology. Designed to enable
long battery life, these valuable Thermal Cut Off devices are available with a high current
draw, and fast battery recharging cycle. Delivering a unique protection solution, mini-breakers
combine a bi-metal switch and a PTC to enhance the features of both, thus providing a superior
battery protection solution. The mini-breaker’s hybrid nature allows it to effectively protect
against overcurrent and overtemperature conditions simultaneously. Mini-breakers are known
for their stability, enhanced allowable voltage and improved leakage characteristics. The low
resistance and compact package make the Komatsulite™ mini-breaker an optimal alternative for
battery protection in countless applications.
Komatsulite continues to expand its product line with the goal of maintaining the highest
safety reliability based on quality ISO 9001, ISO 14001, and ISO 27001 certifications. Giving
developers additional confidence, Komatsulite has a proven track record of having received
no field returns with more than two billion devices shipped since 2007. As a Bourns company,
Komatsulite™ mini-breakers are supported by decades of circuit protection technology
expertise, superior customer service, and global distribution sales channel. For space-
constrained portable electronics, mini-breaker Thermal Cut Off devices offer a robust and
complete alternative for the protection of lithium cells in a compact, single package solution.
RELIABLE LONG BATTERY LIFE PROTECTION
6
Please contact your local Bourns Application Engineer or
Bourns Sales Representative for additional information.
Visit Bourns online at:
www.bourns.com
COPYRIGHT© 2015 • BOURNS, INC. • 12/15 • e/C1564
“Bourns”is a registered trademark of Bourns, Inc. in the U.S. and other countries.
Americas: Tel +1-951 781-5500
Fax +1-951 781-5700
EMEA: Tel +36 88 520 390
Fax +36 88 520 211
Asia-Pacific: Tel +886-2 256 241 17
Fax +886-2 256 241 16
ADDITIONAL RESOURCES



Html Pages

1 2 3 4 5 6