| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IRGP20B60PDPBF Datasheet(PDF) 1 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRGP20B60PDPBF Datasheet(HTML) 1 Page - International Rectifier |
|
1 / 11 page ![]() WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE IRGP20B60PDPbF PD - 95558 Features • NPT Technology, Positive Temperature Coefficient • Lower VCE(SAT) • Lower Parasitic Capacitances • Minimal Tail Current • HEXFRED Ultra Fast Soft-Recovery Co-Pack Diode • Tighter Distribution of Parameters • Higher Reliability Benefits • Parallel Operation for Higher Current Applications • Lower Conduction Losses and Switching Losses • Higher Switching Frequency up to 150kHz TO-247AC E G n-channel C VCES = 600V VCE(on) typ. = 2.05V @ VGE = 15V IC = 13.0A Equivalent MOSFET Parameters RCE(on) typ. = 158mΩ ID (FET equivalent) = 20A Applications • Telecom and Server SMPS • PFC and ZVS SMPS Circuits • Uninterruptable Power Supplies • Consumer Electronics Power Supplies G C E SMPS IGBT Absolute Maximum Ratings Parameter Max. Units VCES Collector-to-Emitter Voltage 600 V IC @ TC = 25°C Continuous Collector Current 40 IC @ TC = 100°C Continuous Collector Current 22 ICM Pulse Collector Current (Ref. Fig. C.T.4) 80 ILM Clamped Inductive Load Current d 80 A IF @ TC = 25°C Diode Continous Forward Current 31 IF @ TC = 100°C Diode Continous Forward Current 12 IFRM Maximum Repetitive Forward Current e 42 VGE Gate-to-Emitter Voltage ±20 V PD @ TC = 25°C Maximum Power Dissipation 220 W PD @ TC = 100°C Maximum Power Dissipation 86 TJ Operating Junction and -55 to +150 TSTG Storage Temperature Range °C Soldering Temperature, for 10 sec. 300 (0.063 in. (1.6mm) from case) Mounting Torque, 6-32 or M3 Screw 10 lbf·in (1.1 N·m) Thermal Resistance Parameter Min. Typ. Max. Units RθJC (IGBT) Thermal Resistance Junction-to-Case-(each IGBT) ––– ––– 0.58 °C/W RθJC (Diode) Thermal Resistance Junction-to-Case-(each Diode) ––– ––– 2.5 RθCS Thermal Resistance, Case-to-Sink (flat, greased surface) ––– 0.24 ––– RθJA Thermal Resistance, Junction-to-Ambient (typical socket mount) ––– ––– 40 Weight ––– 6 (0.21) ––– g (oz) • Lead-Free 7/27/04 |
Número de pieza similar - IRGP20B60PDPBF |
|
Descripción similar - IRGP20B60PDPBF |