Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SP8714IGMPAC Datasheet(PDF) 4 Page - Mitel Networks Corporation

No. de pieza SP8714IGMPAC
Descripción Electrónicos  2100MHz Very Low Current Multi-Modulus Divider
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITEL [Mitel Networks Corporation]
Página de inicio  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8714IGMPAC Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SP8714IGMPAC Datasheet HTML 1Page - Mitel Networks Corporation SP8714IGMPAC Datasheet HTML 2Page - Mitel Networks Corporation SP8714IGMPAC Datasheet HTML 3Page - Mitel Networks Corporation SP8714IGMPAC Datasheet HTML 4Page - Mitel Networks Corporation SP8714IGMPAC Datasheet HTML 5Page - Mitel Networks Corporation SP8714IGMPAC Datasheet HTML 6Page - Mitel Networks Corporation SP8714IGMPAC Datasheet HTML 7Page - Mitel Networks Corporation SP8714IGMPAC Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SP8714
Fig. 6 Typical S11 parameter for pin 1. VCC = +5.0V
Fig. 5 Toggle frequency test circuit
VCC
VCC
RF INPUT
POWER
DOWN
RATIO
SELECT
MC
RF INPUT
OUTPUT
MODULUS
CONTROL 1 INPUT
1n
1n
10n
10n
100n
C L
50
Ω
MONITOR
50
Ω
SIGNAL
SOURCE
SP8714
OUTPUT
MODULUS
CONTROL 2 INPUT
V EE
S11
PLOT 50 OHM
NORMALISED
f1: 130MHz
f2: 2.49GHz
j0.2
j0.5
j1
j2
-j0.2
-j0.5
-j2
-j1
f1
0.2
0.5
1
2
f2



Html Pages

1 2 3 4 5 6 7 8