| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PESD2USB3UX-T Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PESD2USB3UX-T Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved |
|
1 / 2 page ![]() Nexperia‘s TrEOS Protection offers the ideal combination of low capacitance, low clamping voltage and high ESD robustness for your design. Helping safeguard 10 Gbps data lines systems in automotive applications against ESD and surge events while being AEC-Q101 qualified. Automotive TrEOS Protection Optimizing the three pillars of ESD protection: 1. Low capacitance for highest signal integrity down to 0.2 pF 2. Low clamping & trigger for enhanced system protection down to 0.4 Ω (R dyn) 3. High robustness against ESD up to 15 kV & Surge up to 7 A at 8/20 μs The ideal combination for every design TrEOS ESD protection for Automotive Infotainment & SerDes ESD protection for Automotive Infotainment USB 3.2, HDMI & LVDS Functions & Applications › Infotainment applications: USB 2.0, SuperSpeed USB 3.2 at 10 Gps, HDMI, HDBaseT › Automotive A/V monitors, display and cameras › SerDes: GMSL, FPD-Link, LVDS, APIX Key features › Available in specifications between 3.3 V and 5 V V RWM › Extremely fast switching time under 1 ns › Snap-back technology allows for lowest clamping voltage › Suitable for up to ~10Gbps per line pair › Reliable protection for sensitive transceiver SoCs › Ultra-low dynamic resistance/ capacitance combination › Exceeding IEC61000-4-2 level 4, offering IEC61000-4-5 grade robustness › Available in automotive grade leaded and leadless packages SOT23 , DFN2510A-10 (SOT1176) and DFN2510D-10 (SOT1165D, SOT1176D). More are in development, e.g. DFN1006BD-2 with side-wettable flanks System Protect (clamping) Signal Integrity (capacitance) NFC USB 2.0 Supply lines Keypad Buttons USB4/3.2 Automotive IVN Protection Complexity of ESD protection |
Número de pieza similar - PESD2USB3UX-T |
|
Descripción similar - PESD2USB3UX-T |