Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LX3ESR Datasheet(PDF) 4 Page - Banner Engineering Corp.

No. de pieza LX3ESR
Descripción Electrónicos  LX Series Part-Sensing Light Curtain
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BANNER [Banner Engineering Corp.]
Página de inicio  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LX3ESR Datasheet(HTML) 4 Page - Banner Engineering Corp.

  LX3ESR Datasheet HTML 1Page - Banner Engineering Corp. LX3ESR Datasheet HTML 2Page - Banner Engineering Corp. LX3ESR Datasheet HTML 3Page - Banner Engineering Corp. LX3ESR Datasheet HTML 4Page - Banner Engineering Corp. LX3ESR Datasheet HTML 5Page - Banner Engineering Corp. LX3ESR Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
09-Jul-25
page 4 of 6
LX Series Part-Sensing Light Curtain
© Banner Engineering Corp. All rights reserved.
www.bannerengineering.com
Sensing Range
Models
Normal
Reduced
Short-Range
100 to 200 mm (4 in to 8 in)
75 to 150 mm (3 in to 6 in)
Standard-Range
300 mm to 2 m (1 ft to 6.5 ft)
150 mm to 600 mm (6 in to 24
in)
See "Wiring Diagrams" on page 2
Certifications
Banner Engineering BV
Park Lane, Culliganlaan 2F bus 3
1831 Diegem, BELGIUM
E71083
Class 2 Power
UL Environmental Rating: Type 1
Required Overcurrent Protection
WARNING: Electrical connections must
be made by qualified personnel in
accordance with local and national
electrical codes and regulations. 
Overcurrent protection is required to be provided by end
product application per the supplied table. 
Overcurrent protection may be provided with external fusing
or via Current Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go
to www.bannerengineering.com. 
Supply
Wiring
(AWG)
Required Overcurrent
Protection (A)
Supply
Wiring
(AWG)
Required Overcurrent
Protection (A)
20
5.0
26
1.0
22
3.0
28
0.8
24
1.0
30
0.5
Dimensions
Model
Length (L)
LED 1
LED 2
L
LX3
113.4 mm (4.46 in)
LX6
189.6 mm (7.46 in)
LX9
265.8 mm (10.46 in)
LX12
342 mm (13.46 in)
LX15
418.2 mm (16.46 in)
LX18
494.4 mm (19.46 in)
LX21
570.6 mm (22.46 in)
LX24
646.8 mm (25.46 in)
LX27
723 mm (28.46 in)
LX30
799.2 mm (31.46 in)
LX33
875.4 mm (34.46 in)
LX36
951.6 mm (37.46 in)



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com