| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M27C2001 Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M27C2001 Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 16 page ![]() M27C2001 12/16 Table 13. PDIP32 - 32 lead Plastic DIP, 600 mils width, Package Mechanical Data Symb mm inches Typ Min Max Typ Min Max A – 5.08 – 0.200 A1 0.38 – 0.015 – A2 3.56 4.06 0.140 0.160 B 0.38 0.51 0.015 0.020 B1 1.52 – – 0.060 – – C 0.20 0.30 0.008 0.012 D 41.78 42.04 1.645 1.655 D2 38.10 – – 1.500 – – E 15.24 – – 0.600 – – E1 13.59 13.84 0.535 0.545 e1 2.54 – – 0.100 – – eA 15.24 – – 0.600 – – eB 15.24 17.78 0.600 0.700 L 3.18 3.43 0.125 0.135 S 1.78 2.03 0.070 0.080 α 0 ° 10 ° 0 ° 10 ° N32 32 Figure 9. PDIP32 - 32 lead Plastic DIP, 600 mils width, Package Outline Drawing is not to scale. PDIP A2 A1 A L B1 B e1 D S E1 E N 1 C α eA eB D2 |