Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LP2985 Datasheet(PDF) 21 Page - Texas Instruments

No. de pieza LP2985
Descripción Electrónicos  150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LP2985 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP2985_08 Datasheet HTML 17Page - Texas Instruments LP2985_08 Datasheet HTML 18Page - Texas Instruments LP2985_08 Datasheet HTML 19Page - Texas Instruments LP2985_08 Datasheet HTML 20Page - Texas Instruments LP2985_08 Datasheet HTML 21Page - Texas Instruments LP2985_08 Datasheet HTML 22Page - Texas Instruments LP2985_08 Datasheet HTML 23Page - Texas Instruments LP2985_08 Datasheet HTML 24Page - Texas Instruments LP2985_08 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP2985-18DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985-18DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985-25DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985-25DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985-28DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985-28DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985-29DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985-29DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985-30DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985-30DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985-33DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985-33DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985-50DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985-50DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985A-18DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985A-18DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985A-25DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2985A-25DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
31-Mar-2008
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25