Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L78M09CDT-1 Datasheet(PDF) 18 Page - STMicroelectronics

No. de pieza L78M09CDT-1
Descripción Electrónicos  Positive voltage regulators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M09CDT-1 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L78M09CDT-1 Datasheet HTML 14Page - STMicroelectronics L78M09CDT-1 Datasheet HTML 15Page - STMicroelectronics L78M09CDT-1 Datasheet HTML 16Page - STMicroelectronics L78M09CDT-1 Datasheet HTML 17Page - STMicroelectronics L78M09CDT-1 Datasheet HTML 18Page - STMicroelectronics L78M09CDT-1 Datasheet HTML 19Page - STMicroelectronics L78M09CDT-1 Datasheet HTML 20Page - STMicroelectronics L78M09CDT-1 Datasheet HTML 21Page - STMicroelectronics L78M09CDT-1 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Package mechanical data
L78MxxC
18/29
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
C1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L93.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
TO-220 mechanical data
P011C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29